Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS40100HR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS40100HR
Description  Aerospace 2 x 20 A - 100 V Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40100HR Datasheet(HTML) 3 Page - STMicroelectronics

  STPS40100HR Datasheet HTML 1Page - STMicroelectronics STPS40100HR Datasheet HTML 2Page - STMicroelectronics STPS40100HR Datasheet HTML 3Page - STMicroelectronics STPS40100HR Datasheet HTML 4Page - STMicroelectronics STPS40100HR Datasheet HTML 5Page - STMicroelectronics STPS40100HR Datasheet HTML 6Page - STMicroelectronics STPS40100HR Datasheet HTML 7Page - STMicroelectronics STPS40100HR Datasheet HTML 8Page - STMicroelectronics STPS40100HR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STPS40100HR
Characteristics
Doc ID 17306 Rev 1
3/9
s
Table 4.
Electrical measurements at ambiant temperature (per diode), Tamb = 22 ±3 °C
Symbol
Characteristic
MIL-STD-750
test method
Test conditions
Values
Units
Min.
Max.
IR1
Reverse current
4016
DC method, VR = 100 V
-
30
µA
IR2
DC method, VR = 50 V
-
5
µA
V
F1
(1)
Forward voltage
4011
Pulse method, IF = 5 A
-
610
mV
VF2(1)
Pulse method, IF = 10 A
-
730
mV
VF3(1)
Pulse method, IF = 20 A
-
900
mV
C
Capacitance
4001
VR = 10 V, F = 1 MHz
-
1
nF
Zth(j-c)
(2)
Relative thermal impedance,
junction to case
3101
IH = 15 to 40 A, tH = 50 ms
IM = 50 mA, tmd = 100 µs
Calculate
ΔVF(3) °C/W
1.
Pulse width
≤ 300µs, duty cycle ≤ 2%
2.
Performed only during screening tests parameter drift values (initial measurements for HTRB), go-no-go.
3.
The limits for
ΔVF shall be defined by the manufacturer on every lot in accordance with MIL-STD-750 Method 3101 and
shall guarantee the Rth(j-c) limits specified in maximum ratings.
Table 5.
Electrical measurements at high and low temperatures (per diode)
Symbol
Characteristic
MIL-STD-750
test method
Test conditions(1)
Values
Units
Min.
Max.
IR1
Reverse current
4016
Tcase = +125 (+0, -5) °C
DC method, VR = 100 V
-20
mA
IR2
Tcase = +125 (+0, -5) °C
DC method, VR = 50 V
-7.5
mA
VF2
(2)
Forward voltage
4011
Tcase = +125 (+0, -5) °C
pulse method, IF = 10 A
-660
mV
VF3(2)
Tcase = +125 (+0, -5) °C
pulse method, IF = 20 A
-850
mV
Tcase = -55 (+5, -0) °C
pulse method, IF = 20 A
-950
mV
1.
Read and record measurements shall be performed on a sample of 5 components with 0 failures allowed. Alternatively a
100% inspection may be performed.
2.
Pulse width
≤ 300µs, duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com