Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE721C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE721C
Description  1.2A 1.5MHz 7V Synchronous Buck Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE721C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE721C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE721C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE721C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE721C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE721C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE721C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE721C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE721C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE721C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACE721C
1.2A 1.5MHz 7V Synchronous Buck Converter
VER 1.3
1
Description
The ACE721C is a high-efficiency, DC-to-DC step-down switching regulators, capable of delivering up to
1.2A of output current. The device operates from an input voltage range of 2.6V to 7.0V and provides an
output voltage from 0.6V to VIN, making the ACE721C ideal for low voltage power conversions. Running
at a fixed frequency of 1.5MHz allows the use of small external components, such as ceramic input and
output caps, as well as small inductors, while still providing low output ripples. This low noise output along
with its excellent efficiency achieved by the internal synchronous rectifier, making ACE721C an ideal
green replacement for large power consuming linear regulators. Internal soft-start control circuitry reduces
inrush current. Short-circuit and thermal-overload protection improves design reliability.
Features
High Efficiency: up to 95%
Capable of Delivering 1.2A
1.5MHz Switching Frequency
No External Schottky Diode Needed
Low dropout 100% Duty operation
Internal Compensation and Soft-Start
Current Mode control
0.6V Reference for Low Output Voltages
Logic Control Shutdown (IQ<1uA)
Thermal shutdown and UVLO
Application
Cellular phones
Digital Cameras
MP3 and MP4 players
Set top boxes
Wireless and DSL Modems
USB supplied Devices in Notebooks
Portable Devices


Similar Part No. - ACE721C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE721C ACE-ACE721C_14 Datasheet
552Kb / 9P
1.2A 1.5MHz 7V Synchronous Buck Converter
VER 1.5
More results

Similar Description - ACE721C

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8021 BELLING-BL8021 Datasheet
492Kb / 7P
1.2A 1.5MHz 7V Synchronous Buck Converter
BL8022 BELLING-BL8022 Datasheet
502Kb / 7P
800mA 1.5MHz 7V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE721C ACE-ACE721C_14 Datasheet
552Kb / 9P
1.2A 1.5MHz 7V Synchronous Buck Converter
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8021 BELLING-BL8021_13 Datasheet
501Kb / 7P
1.2A 1.5MHz Synchronous Buck Converter
BL8026 BELLING-BL8026 Datasheet
793Kb / 6P
1.2A 1.5MHz 7V Synchronous Buck Converter
logo
Major-Power Technology ...
MA5005 MPOWER-MA5005 Datasheet
530Kb / 12P
1.2A 1.5MHz Synchronous Buck Converter
MA6002 MPOWER-MA6002 Datasheet
286Kb / 9P
Dual 1.2A 1.5MHz Synchronous Buck Converter
logo
AiT Semiconductor Inc.
A7112 AITSEMI-A7112 Datasheet
516Kb / 10P
DC-DC CONVERTER BUCK (STEP-DOWN) 1.2A 1.5MHz 7V SYNCHRONOUS
REV2.3
logo
Major-Power Technology ...
MA5007 MPOWER-MA5007 Datasheet
190Kb / 2P
1.2A 1.5MHz Synchronous Buck Converter
Rev.1.0
logo
List of Unclassifed Man...
LC3406 ETC-LC3406 Datasheet
545Kb / 7P
1.2A 1.5MHz 7V Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com