Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CXG1027TM Datasheet(PDF) 1 Page - Sony Corporation

Part # CXG1027TM
Description  Driver Amplifier for Transmission
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1027TM Datasheet(HTML) 1 Page - Sony Corporation

  CXG1027TM Datasheet HTML 1Page - Sony Corporation CXG1027TM Datasheet HTML 2Page - Sony Corporation CXG1027TM Datasheet HTML 3Page - Sony Corporation CXG1027TM Datasheet HTML 4Page - Sony Corporation CXG1027TM Datasheet HTML 5Page - Sony Corporation CXG1027TM Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
—1—
E97223-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Driver Amplifier for Transmission
CXG1027TM
Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
VDD
6V
• Operating temperature
Topr
–35 to +85
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
550
mW
• Voltage between gate and source
VGSO
15
V
• Drain current
150
mA
Operating Condition
Supply voltage
VDD
3.4
V
VGG
0.2
V
Description
The CXG1027TM is a two-stage driver amplifier for
800 MHz and 1.5 GHz PDC. This is used to amplify
the transmission-side power of the RF signal.
Features
• Ultraminiature package (10 pin TSSOP)
• Low voltage operation
: 2.9 V (Min.)
• Low current consumption
: 45 mA (Typ.)
• High gain
: 27.5 dB (Typ.) (for 1.5 GHz)
29.5 dB (Typ.) (for 800 MHz)
• Low distortion (Adjacent channel leak power ratio)
: –50 dBc (Typ.) (30 kHz offset)
–69 dBc (Typ.) (50 kHz offset)
• Positive power supply operation
(Adjustment-free for VGG)
• Supports both 800 MHz and 1.5 GHz by the
external matching circuit
Applications
Power amplification between the quadrature
modulator IC for 800 MHz/1.5 GHz PDC transmitter
(approx. –15 dBm output) and the power module or
power amplifier MMIC (approx. +10 dBm input)
Structure
GaAs MMIC
10 pin TSSOP (Plastic)


Similar Part No. - CXG1027TM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1022 SONY-CXG1022 Datasheet
76Kb / 4P
High-Frequency SPDT Antenna Switch
CXG1022TM SONY-CXG1022TM Datasheet
76Kb / 4P
High-Frequency SPDT Antenna Switch
CXG1024N SONY-CXG1024N Datasheet
94Kb / 6P
High-Frequency SPDT Antenna Switch
CXG1028ATN SONY-CXG1028ATN Datasheet
81Kb / 7P
GSM900/1800/1900 SPDT TX/RX Switch
More results

Similar Description - CXG1027TM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNC1S171 PANASONIC-CNC1S171 Datasheet
53Kb / 3P
Optoisolator(For isolated signal transmission)
CND0201A PANASONIC-CND0201A Datasheet
32Kb / 2P
Optical Transmission Module for IrDA
logo
Murata Manufacturing Co...
KMP_DA100 MURATA-KMP_DA100 Datasheet
127Kb / 3P
Transformers for Digital Audio Data Transmission
logo
PCA ELECTRONICS INC.
EPA3447G PCA-EPA3447G Datasheet
14Kb / 1P
Transformer for Digital Audio Data Transmission
logo
Japan Aviation Electron...
FI-R JAE-FI-R Datasheet
607Kb / 15P
Connector for Internal Serial Transmission
logo
Sanyo Semicon Device
LA7793V SANYO-LA7793V Datasheet
71Kb / 4P
With Driver amplifier for ADC AGC amplifier
logo
Pulse A Technitrol Comp...
PE-65612NL PULSE-PE-65612NL Datasheet
393Kb / 2P
TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
logo
M/A-COM Technology Solu...
MAAM-011167 MA-COM-MAAM-011167 Datasheet
1Mb / 10P
Stage Driver Amplifier for E Band
logo
NXP Semiconductors
MMG30301B NXP-MMG30301B Datasheet
1Mb / 28P
Driver or Pre--driver Amplifier for Doherty Power Amplifiers
Rev. 0, 10/2016
logo
PHOENIX CONTACT
2861357 PHOENIX-2861357 Datasheet
570Kb / 25P
Inline terminal for serial data transmission
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com