Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA541SA Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA541SA
Description  2 x 20 W dual bridge amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA541SA Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA541SA Datasheet HTML 4Page - STMicroelectronics STA541SA Datasheet HTML 5Page - STMicroelectronics STA541SA Datasheet HTML 6Page - STMicroelectronics STA541SA Datasheet HTML 7Page - STMicroelectronics STA541SA Datasheet HTML 8Page - STMicroelectronics STA541SA Datasheet HTML 9Page - STMicroelectronics STA541SA Datasheet HTML 10Page - STMicroelectronics STA541SA Datasheet HTML 11Page - STMicroelectronics STA541SA Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Electrical specifications
STA541SA
8/26
Doc ID 16988 Rev 2
2
Electrical specifications
2.1
Absolute maximum ratings
Warning:
Stresses beyond those listed in Table 3 above may cause
permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any
other conditions beyond those indicated under
“Recommended operating conditions” are not implied.
Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability. In the real
application, power supplies with nominal values rated within
the recommended operating conditions, may rise beyond the
maximum operating conditions for a short time when no or
very low current is sunk (amplifier in mute state). In this case
the reliability of the device is guaranteed, provided that the
absolute maximum ratings are not exceeded.
2.2
Thermal data
Table 3.
Absolute maximum ratings
Symbol
Parameter
Min
Typ
Max
Unit
VS
Supply voltage idle mode (no signal)
-
-
24
V
Supply voltage operating
-
-
22
V
Supply voltage AC-DC short safe
-
-
20
V
Ptot
Total power dissipation (Tcase = 85 °C)
-
-
32
W
Tj
Junction temperature
-40
-
150
°C
Tstg
Storage temperature
-40
-
150
°C
Tamb
Ambient temperature
0
-
70
°C
Table 4.
Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
Rth j-case
Thermal resistance junction-case
-
-
2.5
°C/W
Rth j-amb
Thermal resistance junction-ambient
-
-
45
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com