Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA7360 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA7360
Description  20 W bridge/stereo audio amplifier with clipping detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA7360 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA7360_11 Datasheet HTML 20Page - STMicroelectronics STA7360_11 Datasheet HTML 21Page - STMicroelectronics STA7360_11 Datasheet HTML 22Page - STMicroelectronics STA7360_11 Datasheet HTML 23Page - STMicroelectronics STA7360_11 Datasheet HTML 24Page - STMicroelectronics STA7360_11 Datasheet HTML 25Page - STMicroelectronics STA7360_11 Datasheet HTML 26Page - STMicroelectronics STA7360_11 Datasheet HTML 27Page - STMicroelectronics STA7360_11 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
STA7360
Application hints
Doc ID 9814 Rev 4
25/28
6.3
Turn-off
A turn-off pop can occur if the st-by pin goes low with a short time constant. This pop is due
to the fast switch-off of the internal current generator of the amplifier.
If the voltage present across the load becomes rapidly zero (due to the fast switchoff) a
small pop occurs, depending also on Cout, Rload.
The parameters that set the switchoff time constant of the st-by pin are:
●
the st-by capacitor (C4)
●
the SVR capacitor (Csvr)
●
resistors connected from the st-by pin to the logical input (Rext)
6.4
Balanced input in bridge configuration
A helpful characteristic of the STA7360 is that, in bridge configuration, a signal present on
both the input capacitors is amplified by the same amount and it is present in phase at the
outputs, so this signal does not produce effects on the load. The typical value of CMRR is
46 dB.
Looking at Figure 37, we can see that a noise signal from the ground of the power amplifier
to the ground of the hypothetical preamplifier is amplified of a factor equal to the gain of the
amplifier (2 * Gv).
Using a configuration of Figure 38 the same ground noise is present at the output multiplied
by the factor 2 * Gv/200.
This means less distortion, less noise (e.g. motor cassette noise) and/or a simplification of
the layout of PC board.
The only limitation of this balanced input is the maximum amplitude of common-mode
signals (few tens of millivolt) to avoid a loss of output power due to the common-mode signal
on the output, but in a large number of cases this signal is within this range.
Figure 37.
Balanced input in bridge configuration, example 1
Figure 38.
Balanced input in bridge configuration, example 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com