Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA2004R Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA2004R
Description  10 10 W stereo amplifier for car radio
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2004R Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA2004R Datasheet HTML 4Page - STMicroelectronics TDA2004R Datasheet HTML 5Page - STMicroelectronics TDA2004R Datasheet HTML 6Page - STMicroelectronics TDA2004R Datasheet HTML 7Page - STMicroelectronics TDA2004R Datasheet HTML 8Page - STMicroelectronics TDA2004R Datasheet HTML 9Page - STMicroelectronics TDA2004R Datasheet HTML 10Page - STMicroelectronics TDA2004R Datasheet HTML 11Page - STMicroelectronics TDA2004R Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical specifications
TDA2004R
8/17
Doc ID 17614 Rev 1
2.4
Test and application circuit
Figure 2.
Test and application circuit
Figure 3.
Printed circuit board and components layout of the figure 2
INPUT (L)
INPUT (R)
120 k
Ω
1.2 k
Ω
+Vs
RL
RL
+
–
+
–
C1
C3
C4
C5
3V
1/2
TDA 2004R
1/2
TDA 2004R
5
93
7
8
4
10 V
2.2µF
C12
0.1µF
10 µF
100 µF
0.1 µF
220 µF
10 V
C10
C8
R2
33
Ω
1
Ω
R3
R6
2200 µF
1.2 k
Ω
C6
C7
11
10
2
6
10 V
100 µF
0.1 µF
220 µF
10 V
C11
C9
R4
33
Ω
1
Ω
R5
R7
2200 µF
C2
3V
1
2.2µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com