Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA2050V Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA2050V
Description  32 W hi-fi audio power amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2050V Datasheet(HTML) 3 Page - STMicroelectronics

  TDA2050V Datasheet HTML 1Page - STMicroelectronics TDA2050V Datasheet HTML 2Page - STMicroelectronics TDA2050V Datasheet HTML 3Page - STMicroelectronics TDA2050V Datasheet HTML 4Page - STMicroelectronics TDA2050V Datasheet HTML 5Page - STMicroelectronics TDA2050V Datasheet HTML 6Page - STMicroelectronics TDA2050V Datasheet HTML 7Page - STMicroelectronics TDA2050V Datasheet HTML 8Page - STMicroelectronics TDA2050V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TDA2050
Device overview
Doc ID 1461 Rev 3
3/18
The values given in the following table refer to the test circuit VS = ±18 V, Tamb = 25 °C,
f = 1 kHz, unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vs
Supply voltage range
± 4.5
± 25
V
Id
Quiescent drain current
Vs = ± 4.5
Vs = ± 25
30
55
50
90
mA
mA
Ib
Input bias current
Vs = ± 22
0.1
0.5
µA
VOS
Input offset voltage
Vs = ± 22
± 15
mV
IOS
Input offset current
± 200
nA
Po
Output power
d = 0.5%,
RL = 4 Ω
RL = 8 Ω
Vs = ± 22 V, RL = 8 Ω
24
22
28
18
25
W
W
W
d = 10%,
RL = 4 Ω
RL = 8 Ω
Vs = ± 22 V, RL = 8 Ω
35
22
32
W
W
W
Music power IEC268.3 rules
d = 10%, T = 1s
RL = 4 Ω; Vs = ± 22.5 V
50
W
d
Distortion
Po = 0.1 to 24W, RL = 4 Ω, f = 1 kHz
f = 100 to 10 kHz, Po = 0.1 to 18 W
0.03
0.5
0.5
%
%
Vs = ± 22 V, RL = 8 Ω,
f = 1 kHz, Po = 0.1 to 20 W,
f = 100 Hz to 10 kHz;
Po = 0.1 to 15 W
0.02
0.5
%
%
SR
Slew rate
5
8
V/µs
Gv
Voltage gain (open loop)
f = 1 kHz
80
dB
Gv
Voltage gain (closed loop)
f = 1 kHz
30
30.5
31
dB
BW
Power bandwidth (-3dB)
Vi = 200 mW, RL = 4 Ω;
20 to 80.000
Hz
eN
Input noise voltage
B = Curve A
B = 22 Hz to 22 kHz
4
510
µV
µV
Ri
Input resistance (pin 1)
500
k
Ω
SVR
Supply voltage rejection
Rg = 22 kΩ, f = 100 Hz;
Vripple = 0.5 VRMS
45
dB
h
Efficiency
Po = 28 W, RL = 4 Ω
65
%
Po = 25 W, RL = 8 Ω,Vs = ± 22 V,
67
%
Tsd-j
Thermal shutdown junction
temperature
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com