Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7376PD Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7376PD
Description  2 x 35 W power amplifier for car radio
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7376PD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7376PD_09 Datasheet HTML 4Page - STMicroelectronics TDA7376PD_09 Datasheet HTML 5Page - STMicroelectronics TDA7376PD_09 Datasheet HTML 6Page - STMicroelectronics TDA7376PD_09 Datasheet HTML 7Page - STMicroelectronics TDA7376PD_09 Datasheet HTML 8Page - STMicroelectronics TDA7376PD_09 Datasheet HTML 9Page - STMicroelectronics TDA7376PD_09 Datasheet HTML 10Page - STMicroelectronics TDA7376PD_09 Datasheet HTML 11Page - STMicroelectronics TDA7376PD_09 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Electrical specifications
TDA7376PD
8/14
Doc ID 10260 Rev 3
2.4
Electrical characteristics curves
Figure 3.
Clip detector threshold vs. THD set.
voltage
Figure 4.
Quiescent current vs. supply volt-
age
Figure 5.
Output power vs. supply voltage
(THD = 1 %)
Figure 6.
Output power vs. supply voltage
(THD = 10 %)
Figure 7.
EIAJ power vs. supply voltage
Figure 8.
THD vs. frequency
VS = 14.4V
RL = 4
Ω
f = 1KHz
RL = 4
Ω
8
9
10
11
12
13
14
15
16
17
18
Vs (V)
5
10
15
20
25
30
35
40
45
Po (W)
f= 1 KHz
THD= 1 %
RL= 2
Ω
RL= 4
Ω
8
9
10
11
12
13
14
15
16
17
18
Vs (V)
5
10
15
20
25
30
35
40
45
50
55
Po (W)
f= 1 KHz
THD= 10 %
RL= 2
Ω
RL= 4
Ω
RL = 4
Ω
RL = 3.2
Ω
f = 1KHz
Vi = 2.5Vrms
VS = 14.4V
RL = 4
Ω
PO = 12W
f (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com