Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7498E Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7498E
Description  160-watt 160-watt dual BTL class-D audio amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498E Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7498E Datasheet HTML 1Page - STMicroelectronics TDA7498E Datasheet HTML 2Page - STMicroelectronics TDA7498E Datasheet HTML 3Page - STMicroelectronics TDA7498E Datasheet HTML 4Page - STMicroelectronics TDA7498E Datasheet HTML 5Page - STMicroelectronics TDA7498E Datasheet HTML 6Page - STMicroelectronics TDA7498E Datasheet HTML 7Page - STMicroelectronics TDA7498E Datasheet HTML 8Page - STMicroelectronics TDA7498E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
December 2011
Doc ID 022595 Rev 1
1/20
20
TDA7498E
160-watt + 160-watt dual BTL class-D audio amplifier
Features
■ 160-W + 160-W output power at
THD = 10% with RL = 4 Ω and VCC = 36 V
■ 1 x 220 W output power mono parallel BTL at
THD = 10% with RL = 3 Ω and VCC = 36 V
■ Wide-range single-supply operation (14 - 36 V)
■ High efficiency (
η = 85%)
■ Parallel BTL function using the MODE pin
■ Four selectable, fixed gain settings of
nominally 23.8 dB, 29.8 dB, 33.3 dB and
35.8 dB
■ Differential inputs minimize common-mode
noise
■ Standby and mute features
■ Smart protection
■ Thermal overload protection
■ Small offset less than 20 mV
Description
The TDA7498E is a dual BTL class-D audio
amplifier with a single power supply designed for
home systems and active speaker applications.
It comes in a 36-pin PowerSSO package with
exposed pad up (EPU) to facilitate mounting a
separate heatsink.
PowerSSO36
with exposed pad up
Table 1.
Device summary
Order code
Operating temp. range
Package
Packaging
TDA7498E
0 to 70 °C
PowerSSO36 (EPU)
Tube
TDA7498ETR
0 to 70 °C
PowerSSO36 (EPU)
Tape and reel
www.st.com


Similar Part No. - TDA7498E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7498E STMICROELECTRONICS-TDA7498E Datasheet
1Mb / 17P
160-watt 160-watt dual BTL class-D audio amplifier
25-Jun-2020
TDA7498ETR STMICROELECTRONICS-TDA7498ETR Datasheet
1Mb / 17P
160-watt 160-watt dual BTL class-D audio amplifier
25-Jun-2020
TDA7498E STMICROELECTRONICS-TDA7498E_V01 Datasheet
1Mb / 17P
160-watt 160-watt dual BTL class-D audio amplifier
25-Jun-2020
More results

Similar Description - TDA7498E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7491P STMICROELECTRONICS-TDA7491P Datasheet
1Mb / 42P
2 x 10-watt dual BTL class-D audio amplifier
18-Jan-2012
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
25-watt 25-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7493 STMICROELECTRONICS-TDA7493 Datasheet
870Kb / 30P
3-watt 3-watt dual BTL class-D audio amplifier
29-Nov-2010
TDA7498 STMICROELECTRONICS-TDA7498 Datasheet
737Kb / 28P
100-watt 100-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7498L STMICROELECTRONICS-TDA7498L Datasheet
975Kb / 27P
80 watt 80 watt dual BTL class-D audio amplifier
12-Sep-2011
CCA044V1 STMICROELECTRONICS-CCA044V1 Datasheet
85Kb / 5P
160 W 160 W dual BTL class-D audio amplifier demonstration board based on the TDA7498E
31-Jan-2013
TDA7498MV STMICROELECTRONICS-TDA7498MV Datasheet
794Kb / 27P
100-watt mono BTL class-D audio amplifier
27-Jan-2011
TDA7492P13TR STMICROELECTRONICS-TDA7492P13TR Datasheet
459Kb / 26P
25-watt 25-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7498LTR STMICROELECTRONICS-TDA7498LTR Datasheet
975Kb / 27P
80 watt 80 watt dual BTL class-D audio amplifier
12-Sep-2011
TDA749313TR STMICROELECTRONICS-TDA749313TR Datasheet
897Kb / 30P
3-watt 3-watt dual BTL class-D audio amplifier
29-Nov-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com