Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7541B Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7541B
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541B Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7541B Datasheet HTML 19Page - STMicroelectronics TDA7541B Datasheet HTML 20Page - STMicroelectronics TDA7541B Datasheet HTML 21Page - STMicroelectronics TDA7541B Datasheet HTML 22Page - STMicroelectronics TDA7541B Datasheet HTML 23Page - STMicroelectronics TDA7541B Datasheet HTML 24Page - STMicroelectronics TDA7541B Datasheet HTML 25Page - STMicroelectronics TDA7541B Datasheet HTML 26Page - STMicroelectronics TDA7541B Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
TDA7541B
Electrical specifications and characteristics
Doc ID 16048 Rev 1
23/77
39.2
a
Max. quality detector
coefficient
QDC
0.9
1.05
1.2
-
39.3
b
Min. quality noise gain
QNG
5
6
7
dB
39.4
b
Max. quality noise gain
QNG
13
15
17
dB
1.
Intermodulation suppression
measured with: 91 % stereo signal; 9 % pilot signal; fm = 10 kHz or 13 kHz.
2.
Traffic radio (V.F.) suppression
measured with: 91% stereo signal; 9% pilot signal; fm=1 kHz; 5% sub carrier (f=57 kHz, fm=23 Hz AM, m=60 %)
3.
SCA (subsidiary communications authorization)
measured with: 81 % mono signal; 9 % pilot signal; fm=1 kHz; 10 % SCA - sub carrier (fS = 67 kHz, unmodulated)
4.
ACI (adjacent channel interference)
measured with: 90 % mono signal; 9 % pilot signal; fm=1 kHz; 1% spurious signal (fS = 110 kHz or 186 kHz, unmodulated)
5.
All thresholds are measured in test mode at the quality output. The thresholds are calculated by VNBTH - VPEAK. VPEAK can
be adjusted by applying a 150 kHz sinewave at MPXIN.
Table 8.
Stereo decoder section (continued)
Item
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
a2
V
o signal @ 1 kHz
,
()
V
o spuriou s @1 kHz
,
()
--------------------------------------------------------------- ƒs
2
10 kHz
×
() 19 kHz
()
=
;
=
a3
V
o signal @ 1 kHz
,
()
V
o spuriou s @1 kHz
,
()
--------------------------------------------------------------- ƒs
3
13 kHz
×
() 38 kHz
()
=
;
=
a57 V W F
,
,
()
V
o signal @ 1 kHz
,
()
V
o sp urio us @1 kHz
,
() 23 kHz
±
------------------------------------------------------------------------------------------
=
a67
V
o signal @ 1 kHz
,
()
V
o spuriou s @9 kHz
,
()
--------------------------------------------------------------- ƒs
2
38 kHz
×
() 67 kHz
()
=
;
=
a114
V
o signal @ 1 kHz
,
()
V
o sp urio us @ 4 kHz
,
()
--------------------------------------------------------------- ƒs
110 kHz
2
38 kHz
×
()
()
=
;
=
a190
V
o signal @ 1 kHz
,
()
V
o sp urio us @ 4 kHz
,
()
--------------------------------------------------------------- ƒs
186 kHz
5
38 kHz
×
()
()
=
;
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com