Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7565 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7565
Description  Quad power amplifier with integrated step-up converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7565 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7565_10 Datasheet HTML 11Page - STMicroelectronics TDA7565_10 Datasheet HTML 12Page - STMicroelectronics TDA7565_10 Datasheet HTML 13Page - STMicroelectronics TDA7565_10 Datasheet HTML 14Page - STMicroelectronics TDA7565_10 Datasheet HTML 15Page - STMicroelectronics TDA7565_10 Datasheet HTML 16Page - STMicroelectronics TDA7565_10 Datasheet HTML 17Page - STMicroelectronics TDA7565_10 Datasheet HTML 18Page - STMicroelectronics TDA7565_10 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Low voltage "start-stop" operation
TDA7565
16/19
Doc ID 9800 Rev 4
6
Low voltage "start-stop" operation
The most recent OEM specification are requiring automatic stop of car engine at traffic lights
in order to reduce emissions of polluting substances. The TDA7565, thanks to its integrated
switching voltage converter, allows a continuous operation when battery falls down to 6/7 V
during such conditions, without producing pop noise. The maximum system power will be
reduced accordingly.
The internal converter must be enabled and programmed in order to supply 15 V (D3 (IB2) = 0;
D6 (IB2) = 0). The suggested voltage frequency switching is 150 kHz (D6 (IB1) = 1; D7 (IB1) = 0).
The following curve is a worst case condition for a start-stop system. The TDA7565, with the
switching converter powered on, can sustain this cranking curve without any audio signal
interruption.
Figure 7.
Worst case condition for a start-stop system diagram
Vb1 = 12 V, Vb2 = 6 V, Vb3 = 7 V
Ri ≤ 0.01 Ω (internal resistor of power supply)
Recovery time from test start to tr is 1 s
tr = 2 ms
t1 = 1 ms (the shortest time, at cranking simulation power supply, is 5 ms)
t2 = 15 ms
t3 = 1 s
tf = 0.5 s
Vb1
V
Vb3
Vb2
tf
t3
t2
t1
tr
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com