Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7570 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7570
Description  250W PWM high efficiency power audio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7570 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7570 Datasheet HTML 1Page - STMicroelectronics TDA7570 Datasheet HTML 2Page - STMicroelectronics TDA7570 Datasheet HTML 3Page - STMicroelectronics TDA7570 Datasheet HTML 4Page - STMicroelectronics TDA7570 Datasheet HTML 5Page - STMicroelectronics TDA7570 Datasheet HTML 6Page - STMicroelectronics TDA7570 Datasheet HTML 7Page - STMicroelectronics TDA7570 Datasheet HTML 8Page - STMicroelectronics TDA7570 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Pin description
TDA7570
4/17
2
Pin description
Figure 2.
Pins connection diagram
Table 2.
Pins description
Pin
number
Name
Function
Voltage limit
(low)
Voltage limit
(high)
1
N.C.
Not connected
2
N.C.
Not connected
3
N.C.
Not connected
4
Gpr
Gate PMOS, right channel
+Vs-12V
30V
5
Gprs
Sense gate PMOS, right channel
+Vs-12V
30V
6+Vs-5
+Vs-6
7
Spr2
Sensing 2 PMOS, right channel
30V
8
Spr1
Sensing 1 PMOS, right channel
30V
9
+Vs-Vref1
Supply drivers PMOS
+Vs-12V
30V
10
pgnd
Power ground
0 (ref.)
11
N.C.
Not connected
1
2
3
5
6
4
7
8
9
10
27
11
28 29 30 31 32
59
58 57 56 55 54 53
47
46
45
43
42
44
52
51
50
48
49
+Vs-5
Gprs
Gpr
N.C.
N.C.
N.C.
N.C.
pgnd
+Vs-Vref1
Spr2
Spr1
N.C.
N.C.
IN L+
N.C.
N.C.
IN L-
-2.5V
N.C.
IN R+
IN R-
AC00241
26
60
61
62
63
64
21 22 23 24 25
41
40
38
37
39
+Vs-low
N.C.
NTC
THWext
N.C.
12
13
14
15
16
N.C.
-Vs+5
Spl2
+Vs
Spl1
36
34
33
35
THWint
O0-I5
I-O-FCLK
N.C.
17
18
19
20
N.C.
N.C.
Gpl
Gpls
5Vdig



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com