Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7590 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7590
Description  Digital signal processing IC for speech and audio applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7590 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7590_09 Datasheet HTML 7Page - STMicroelectronics TDA7590_09 Datasheet HTML 8Page - STMicroelectronics TDA7590_09 Datasheet HTML 9Page - STMicroelectronics TDA7590_09 Datasheet HTML 10Page - STMicroelectronics TDA7590_09 Datasheet HTML 11Page - STMicroelectronics TDA7590_09 Datasheet HTML 12Page - STMicroelectronics TDA7590_09 Datasheet HTML 13Page - STMicroelectronics TDA7590_09 Datasheet HTML 14Page - STMicroelectronics TDA7590_09 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
TDA7590
Pin description
11/42
77
AB[3]
O
Address bus line 3. Port A external address bus.
78
AB[4]
O
Address bus line 4. Port A external address bus.
79
AB[5]
O
Address bus line 5. Port A external address bus.
80
IOVDD
I
IO power supply.
81
IOVSS
I
IO ground.
82
AB[6]
O
Address bus line 6. Port A external address bus.
83
AB[7]
O
Address bus line 7. Port A external address bus.
84
AB[8]
O
Address bus line 8. Port A external address bus.
85
AB[9]
O
Address bus line 9. Port A external address bus.
86
COREVDD
I
Core power supply.
87
COREVSS
I
Core ground.
88
AB[10]
O
Address bus line 10. Port A external address bus.
89
AB[11]
O
Address bus line 11. Port A external address bus.
90
IOVDD
I
IO power supply.
91
IOVSS
I
IO ground.
92
AB[12]
O
Address bus line 12. Port A external address bus.
93
AB[13]
O
Address bus line 13. Port A external address bus.
94
AB[14]
O
Address bus line 14. Port A external address bus.
95
AB[15]
O
Address bus line 15. Port A external address bus.
96
AB[16]
O
Address bus line 16. Port A external address bus.
97
AB[17]
O
Address bus line 17. Port A external address bus.
98
AB[18]
O
Address bus line 18. Port A external address bus.
99
AB[19]
O
Address bus line 19. Port A external address bus.
100
DB[0]
I/O
Address bus 0. Port A external data bus.
101
DB[1]
I/O
Address bus 1. Port A external data bus.
102
DB[2]
I/O
Address bus 2. Port A external data bus.
103
COREVDD
I
Core power supply.
104
COREVSS
I
Core ground.
105
DB[3]
I/O
Data bus line 3. Port A external data bus.
106
DB[4]
I/O
Data bus line 4. Port A external data bus.
107
DB[5]
I/O
Data bus line 5. Port A external data bus.
108
DB[6]
I/O
Data bus line 6. Port A external data bus.
109
DB[7]
I/O
Data bus line 7. Port A external data bus.
110
DB[8]
I/O
Data bus line 8. Port A external data bus.
111
IOVDD
I
IO Power Supply.
Table 2.
Pin function (continued)
N°
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com