Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7705 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7705
Description  Highly integrated tuner for AM/FM car radio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7705 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7705_10 Datasheet HTML 1Page - STMicroelectronics TDA7705_10 Datasheet HTML 2Page - STMicroelectronics TDA7705_10 Datasheet HTML 3Page - STMicroelectronics TDA7705_10 Datasheet HTML 4Page - STMicroelectronics TDA7705_10 Datasheet HTML 5Page - STMicroelectronics TDA7705_10 Datasheet HTML 6Page - STMicroelectronics TDA7705_10 Datasheet HTML 7Page - STMicroelectronics TDA7705_10 Datasheet HTML 8Page - STMicroelectronics TDA7705_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
March 2010
Doc ID 15938 Rev 8
1/42
1
TDA7705
Highly integrated tuner for AM/FM car radio
Features
■ Fully integrated VCO for world tuning
■ High performance PLL for fast RDS system
■ AM/FM mixers with high image rejection
■ Integrated AM-LNA and AM-PINDIODE
■ Automatic self alignment for preselection and
image rejection
■ Digital IF signal processing, high performance
and drift-free
■ Integrated IF-filters with high selectivity, high
dynamic range and adaptive bandwidth control
■ RDS demodulation with group and block
synchronization
■ High performance stereodecoder with
noiseblanker
■ I2C/SPI bus controlled
■ Single 5 V supply
■ LQFP64 package
Description
The TDA7705 highly integrated tuner (HIT) is a
new generation of high performance tuners for
carradio applications.
It contains mixers and IF amplifiers for AM and
FM, fully integrated VCO and PLL synthesizer,
IF-processing including adaptive bandwidth
control, stereo decoder and RDS decoder on a
single chip.
The utilization of digital signal processing results
in numerous advantages against today's tuners:
very low number of external components, very
small space occupation and easy application,
very high selectivity due to digital filters, high
flexibility by software control and automatic
alignment.
LQFP64
Table 1.
Device summary
Order code
Package
Packing
TDA7705
LQFP64 (10x10x1.4mm)
Tray
TDA7705TR
LQFP64 (10x10x1.4mm)
Tape and reel
www.st.com


Similar Part No. - TDA7705_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7705TR STMICROELECTRONICS-TDA7705TR Datasheet
427Kb / 42P
Highly integrated tuner for AM/FM car radio
17-Sep-2013
More results

Similar Description - TDA7705_10

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1290 NTE-NTE1290 Datasheet
21Kb / 2P
Integrated Circuit AM Tuner for Car Radio
logo
STMicroelectronics
TDA7511 STMICROELECTRONICS-TDA7511 Datasheet
792Kb / 41P
AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
Nov-2001
logo
Sanyo Semicon Device
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
AM Tuner for Car Radio
logo
Hitachi Semiconductor
HA1199 HITACHI-HA1199 Datasheet
585Kb / 7P
AM Tuner for Car Radio
logo
STMicroelectronics
TDA7421N STMICROELECTRONICS-TDA7421N Datasheet
325Kb / 38P
AM/FM TUNER FOR CAR RADIO AND HI-FI APPLICATIONS
Aug-2000
logo
NTE Electronics
NTE1533 NTE-NTE1533 Datasheet
81Kb / 4P
Integrated Circuit AM Tuner for Car Radio
logo
STMicroelectronics
TDA7703 STMICROELECTRONICS-TDA7703 Datasheet
211Kb / 32P
Highly integrated tuner for AM/FM car radio
April 2009 Rev 1
TDA7705 STMICROELECTRONICS-TDA7705 Datasheet
427Kb / 42P
Highly integrated tuner for AM/FM car radio
17-Sep-2013
TDA7706 STMICROELECTRONICS-TDA7706 Datasheet
291Kb / 16P
Highly integrated tuner for AM/FM car-radio
16-Sep-2013
TDA7703R STMICROELECTRONICS-TDA7703R Datasheet
229Kb / 32P
Highly integrated tuner for AM/FM car radio
29-Jan-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com