Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4604 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4604
Description  Stereo headset driver and analog audio line driver with integrated reference to ground
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4604 Datasheet(HTML) 1 Page - STMicroelectronics

  TS4604 Datasheet HTML 1Page - STMicroelectronics TS4604 Datasheet HTML 2Page - STMicroelectronics TS4604 Datasheet HTML 3Page - STMicroelectronics TS4604 Datasheet HTML 4Page - STMicroelectronics TS4604 Datasheet HTML 5Page - STMicroelectronics TS4604 Datasheet HTML 6Page - STMicroelectronics TS4604 Datasheet HTML 7Page - STMicroelectronics TS4604 Datasheet HTML 8Page - STMicroelectronics TS4604 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
October 2010
Doc ID 17913 Rev 1
1/31
31
TS4604
Stereo headset driver and analog audio line driver with
integrated reference to ground
Features
Operating from VCC = 3 V up to 4.8 V single
supply operation
Line driver stereo differential inputs
External gain setting resistors
Space-saving package: TSSOP28 pitch
0.65 mm
Dedicated shutdown control per function
100 mW headset drive into a 16
Ω load
90 dB high PSRR on headset drive
Two internal negative supplies to ensure
ground-referenced, headset and line driver
capless outputs
Internal undervoltage mute
Line driver 2 Vrms typ. Output voltage across
entire supply voltage range
Pop-&-click reduction circuitry, thermal
shutdown and output short-circuit protection
Applications
PDP/LCD TV
Set-top boxes
Description
The TS4604 is a stereo ground-referenced output
analog line driver and stereo headset driver
whose design allows the output DC-blocking
capacitors to be removed, thus reducing
component count. The TS4604 drives 2 Vrms into
a 5 k
Ω load or more. The device has differential
inputs and uses external gain setting resistors.
The TS4604 delivers up to 100 mW per channel
into a 16
Ωload. All outputs of the TS4604 include
±8 kV human body model ESD protection cells.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
+LDL
-LDL
OUTLDL
AGND
ENLD
PVSSLD
CNLD
CNHP
PVSSHP
ENHP
AGND
OUTHPL
-HPL
+HPL
+HPR
-HPR
OUTHPR
NC
PGND
PVCCHP
CPHP
CPLD
PVCCLD
PGND
EUVP
OUTLDR
-LDR
+LDR
TSSOP28
Pin connections (top view)
www.st.com


Similar Part No. - TS4604

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4601 STMICROELECTRONICS-TS4601 Datasheet
602Kb / 28P
High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
20-Feb-2008
TS4601B STMICROELECTRONICS-TS4601B Datasheet
637Kb / 28P
High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
08-Jul-2008
TS4601BEIJT STMICROELECTRONICS-TS4601BEIJT Datasheet
637Kb / 28P
High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
08-Jul-2008
TS4601EIJT STMICROELECTRONICS-TS4601EIJT Datasheet
602Kb / 28P
High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
20-Feb-2008
More results

Similar Description - TS4604

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD8258A ESMT-AD8258A Datasheet
208Kb / 3P
Stereo/Mono Digital Audio Amplifier with Headphone Driver and SubWoofer Line-Out
logo
National Semiconductor ...
LM49150 NSC-LM49150 Datasheet
782Kb / 28P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334_1 Datasheet
802Kb / 20P
16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
logo
Wolfson Microelectronic...
WM8758B WOLFSON-WM8758B Datasheet
1Mb / 90P
Stereo CODEC with Headphone Driver and Line Out
logo
Texas Instruments
LM49150 TI1-LM49150_14 Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
Global Mixed-mode Techn...
G1412 GMT-G1412 Datasheet
84Kb / 1P
Ground-Reference Popless Stereo Headphone Driver
logo
Wolfson Microelectronic...
WM8758 WOLFSON-WM8758 Datasheet
1Mb / 90P
Stereo CODEC with Headphone Driver and Line Out
logo
Texas Instruments
LM49150 TI1-LM49150 Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
Unisonic Technologies
PA3632G-P14-R UTC-PA3632G-P14-R Datasheet
230Kb / 9P
Stereo Direct Audio Line driver
logo
C-Media Electronics
CM6400X1 CMEDIA-CM6400X1 Datasheet
1Mb / 43P
USB Surround Headset Solution with Xear??Gaming Audio Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com