Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41T00AUD Datasheet(PDF) 21 Page - STMicroelectronics

Part # M41T00AUD
Description  Serial real-time clock (RTC) with audio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00AUD Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M41T00AUD_12 Datasheet HTML 17Page - STMicroelectronics M41T00AUD_12 Datasheet HTML 18Page - STMicroelectronics M41T00AUD_12 Datasheet HTML 19Page - STMicroelectronics M41T00AUD_12 Datasheet HTML 20Page - STMicroelectronics M41T00AUD_12 Datasheet HTML 21Page - STMicroelectronics M41T00AUD_12 Datasheet HTML 22Page - STMicroelectronics M41T00AUD_12 Datasheet HTML 23Page - STMicroelectronics M41T00AUD_12 Datasheet HTML 24Page - STMicroelectronics M41T00AUD_12 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
M41T00AUD
M41T00AUD clock operation
Doc ID 13480 Rev 5
21/42
5.3
Priority for IRQ/FT/OUT pin
Three functions share pin 5 of the M41T00AUD. The oscillator fail interrupt (IRQ), the
calibration frequency test output (FT) and the discrete logic output (OUT) all use this pin.
In normal operation, when operating from VCC, the interrupt function has priority over the
frequency test function which in turn has priority over the discrete output function.
In the backup mode, when operating from VBACK, the priorities are different. The interrupt
and frequency test functions are disabled, and only the discrete output function can be
used.
When operating from VCC, if the oscillator fail interrupt enable bit is set (OFIE, D4 of register
09h), the pin is an interrupt output which will be asserted anytime the OF bit (D5 of register
09h) goes true. (See Section 5 for more details.)
During calibration, the pin can be used as a frequency test output. When FT is a 1 (and
OFIE a 0), the device will output a 512 Hz test signal on this pin. Users can measure this
with a frequency counter and use that result to determine the appropriate calibration register
value.
Otherwise, when OFIE is a 0 and FT is a 0, it becomes the discrete logic OUT pin and
reflects the value of the OUT bit (D7 of register 07h).
When operating from VBACK, the discrete output function can still be used. The
IRQ/FT/OUT pin will reflect the contents of the out bit.
Note:
The IRQ/FT/OUT pin is open drain and requires an external pull-up resistor.
Table 5.
Priority for IRQ/FT/OUT pin
State
Register bits
IRQ/FT/OUT pin
OFIE
FT
OUT
On VCC
1X
X
OF
0
1
X
512 Hertz
00
1
1
00
0
0
On VBACK
XX
1
1
XX
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com