Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC56AP54L5 Datasheet(PDF) 47 Page - STMicroelectronics

Part # SPC56AP54L5
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54L5 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button SPC56AP54L5 Datasheet HTML 43Page - STMicroelectronics SPC56AP54L5 Datasheet HTML 44Page - STMicroelectronics SPC56AP54L5 Datasheet HTML 45Page - STMicroelectronics SPC56AP54L5 Datasheet HTML 46Page - STMicroelectronics SPC56AP54L5 Datasheet HTML 47Page - STMicroelectronics SPC56AP54L5 Datasheet HTML 48Page - STMicroelectronics SPC56AP54L5 Datasheet HTML 49Page - STMicroelectronics SPC56AP54L5 Datasheet HTML 50Page - STMicroelectronics SPC56AP54L5 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 104 page
background image
SPC56xP54x, SPC56xP60x
Package pinouts and signal descriptions
Doc ID 18340 Rev 3
47/104
G[10] PCR[106]
ALT0
ALT1
ALT2
ALT3
GPIO[106]
—
TXD
—
SIUL
—
FlexCAN_1
—
I/O
—
O
—
Slow
Medium
—
77
93
G[11] PCR[107]
ALT0
ALT1
ALT2
ALT3
GPIO[107]
—
—
—
SIUL
—
—
—
I/O
—
—
—
Slow
Medium
—
75
91
1.
This table concerns Full-featured version. Please refer to “SPC56xP54/60 device configuration difference” table for
difference between Full-featured, and Airbag configuration.
2.
ALT0 is the primary (default) function for each port after reset.
3.
Alternate functions are chosen by setting the values of the PCR[PA] bitfields inside the SIU module.
PCR[PA] = 00
 ALT0; PCR[PA] = 01  ALT1; PCR[PA] = 10  ALT2; PCR[PA] = 11  ALT3. This is intended to select
the output functions; to use one of the input-only functions, the PCR[IBE] bit must be written to ‘1’, regardless of the values
selected in the PCR[PA] bitfields. For this reason, the value corresponding to an input only function is reported as “—”.
4.
Module included on the MCU.
5.
Multiple inputs are routed to all respective modules internally. The input of some modules must be configured by setting the
values of the PSMI[PADSELx] bitfields inside the SIUL module.
6.
Programmable via the SRC (Slew Rate Control) bits in the respective Pad Configuration Register.
7.
LQFP176 available only as development package.
8.
Weak pull down during reset.
Table 7.
Pin muxing(1) (continued)
Port
pin
PCR
register
Alternate
function
(2),(3)
Functions
Peripheral
(4)
I/O
direction
(5)
Pad speed(6)
Pin
SRC = 0 SRC = 1
LQFP
100
LQFP
144
LQFP
176(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com