Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564B64L8 Datasheet(PDF) 113 Page - STMicroelectronics

Part # SPC564B64L8
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564B64L8 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button SPC564B64L8 Datasheet HTML 109Page - STMicroelectronics SPC564B64L8 Datasheet HTML 110Page - STMicroelectronics SPC564B64L8 Datasheet HTML 111Page - STMicroelectronics SPC564B64L8 Datasheet HTML 112Page - STMicroelectronics SPC564B64L8 Datasheet HTML 113Page - STMicroelectronics SPC564B64L8 Datasheet HTML 114Page - STMicroelectronics SPC564B64L8 Datasheet HTML 115Page - STMicroelectronics SPC564B64L8 Datasheet HTML 116Page - STMicroelectronics SPC564B64L8 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 118 page
background image
SPC564Bxx - SPC56ECxx
Ordering information
Doc ID 17478 Rev 4
113/118
6
Ordering information
Figure 40. Ordering information scheme
Memory
Conditioning
Core
Family
Temperature
Package
CPU Frequency
SPC56
74
Y
4C
C
L7
E
Example code:
Product identifier
Y = Tray
X = Tape and Reel
0 = No option
E = Ethernet
C = CSE + Ethernet
0 = NO EEPROM
E = EEPROM
8 = 80 MHz
9 = 120 MHz
B = –40 to 105 °C
C = –40 to 125 °C
L7 = LQFP176
L8 = LQFP208
B3 = LBGA256
74 = 3 MB
70 = 2 MB
64 = 1.5 MB
B=Body
C = Gateway
4 = e200z4d
E = e200z4d + e200
z0h
SPC56 = Power
Architecture in
90 nm
8
0
EEPROM Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com