Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564B64L8 Datasheet(PDF) 116 Page - STMicroelectronics

Part # SPC564B64L8
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564B64L8 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button SPC564B64L8 Datasheet HTML 110Page - STMicroelectronics SPC564B64L8 Datasheet HTML 111Page - STMicroelectronics SPC564B64L8 Datasheet HTML 112Page - STMicroelectronics SPC564B64L8 Datasheet HTML 113Page - STMicroelectronics SPC564B64L8 Datasheet HTML 114Page - STMicroelectronics SPC564B64L8 Datasheet HTML 115Page - STMicroelectronics SPC564B64L8 Datasheet HTML 116Page - STMicroelectronics SPC564B64L8 Datasheet HTML 117Page - STMicroelectronics SPC564B64L8 Datasheet HTML 118Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 116 / 118 page
background image
Revision history
SPC564Bxx - SPC56ECxx
116/118
Doc ID 17478 Rev 4
28-Apr-2011
3
– Replaced VIL min from –0.4 V to –0.3 V in the following tables:
- I/O input DC electrical characteristics
- Reset electrical characteristics
- Fast external crystal oscillator (4 to 40 MHz) electrical characteristics
– Updated Crystal oscillator and resonator connection scheme figure
– Specified NPN transistor as the recommended BCP68 transistor throughout the
document
– Code and Data flash memory—Program and erase specifications tables:
Renamed the parameter tESUS to Teslat
– Revised the footnotes in the “Functional port pin descriptions” table.
– In the “System pin descriptions” table, added a footnote to the A pads regarding
not using IBE.
For ports PB[12–15], changed ANX to ADC0_X.
– Revised the presentation of the ADC functions on the following ports:
PB[4–7]
PD[0–11]
– ADC conversion characteristics (10-bit ADC_0) table and Conversion
characteristics (12-bit ADC_1) table- Updated footnote 5 and 7 respectively for the
definition of the conversion time.
– Data flash memory—Program and erase specifications: Updated Twprogram to 500
µs and T16Kpperase to 500 µs. Corrected Teslat classsification from “C” to “D”.
– Code flash memory—Program and erase specifications: Corrected Teslat
classification from “C” to “D”.
– Flash Start-up time/Switch-off time: Changed TFLARSTEXIT classification from “C”
to “D”.
– Functional port pin description: Added a footnote at the PB [9] port pin.
– Absolute maximum ratings table: Added footnote 1.
– Low voltage power domain electrical characteristics table: Updated IDDHALT,
IDDSTOP, IDDSTBY3, IDDSTDBY2, IDDSTDBY1.
– Updated commercial product code structure.
– Slow external crystal oscillator (32 kHz) electrical characteristics table: Updated
gmSXOSC, VSXOSC, ISXOSCBIAS and ISXOSC.
– FMPLL electrical characteristics table: Updated
ΔtLTJIT.
– Fast internal RC oscillator (16 MHz) electrical characteristics table: Updated
TFIRCSU and IFIRCPWD.
– MII serial management channel timing table: Updated M12
– JTAG characteristics table: Updated tTDOV.
– Low voltage monitor electrical characteristics table: Updated VLVDHV3H,
VLVDHV3L, VLVDHV5H, VLVDHV5L.
– DSPI electricals table: Updated spec 1, 5, 6. Updated footnote 2 and 3. Added
Δt
CSC,
Δt
ASC, tSUSS, tHSS.
– IO consumption table: Updated all parameter values.
– DSPI electricals: Updated
Δt
CSC max to 115 ns.
– Low voltage power domain electrical characteristics table: Added footnote 9.
– ADC electrical characteristics: Added 2 notes above 10-bit and 12-bit conversion
tables.
Revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com