Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STLC3055N Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC3055N
Description  WLL and ISDN-TA subscriber line interface circuit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 1 Page - STMicroelectronics

  STLC3055N_09 Datasheet HTML 1Page - STMicroelectronics STLC3055N_09 Datasheet HTML 2Page - STMicroelectronics STLC3055N_09 Datasheet HTML 3Page - STMicroelectronics STLC3055N_09 Datasheet HTML 4Page - STMicroelectronics STLC3055N_09 Datasheet HTML 5Page - STMicroelectronics STLC3055N_09 Datasheet HTML 6Page - STMicroelectronics STLC3055N_09 Datasheet HTML 7Page - STMicroelectronics STLC3055N_09 Datasheet HTML 8Page - STMicroelectronics STLC3055N_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
February 2009
Rev 11
1/34
1
STLC3055N
WLL and ISDN-TA subscriber line interface circuit
Features
Monochip subscriber line interface circuit
(SLIC) optimised for WLL and VoIP
applications
Implement all key features of the BORSHT
function
Single supply (5.5 V to 12 V)
Built in DC/DC converter controller
Soft battery reversal with programmable
transition time.
On-hook transmission.
Programmable off-hook detector threshold
Metering pulse generation and filter
Integrated ringing
Integrated ring trip
Parallel control interface (3.3 V logic level)
Programmable constant current feed
Surface mount package
Integrated thermal protection
Dual gain value option
BCD III S, 90 V technology
-40 to +85 °C operating range
Description
The STLC3055N is a SLIC device specifically
designed for wireless local loop (WLL) and ISDN-
terminal adaptors (ISDN-TA) and VoIP
applications. One of the distinctive characteristic
of this device is the ability to operate with a single
supply voltage (from 5.5 V to 12 V) and self
generate the negative battery by means of an
on chip DC/DC converter controller that drives an
external MOS switch.
The battery level is properly adjusted depending
on the operating mode. A useful characteristic for
these applications is the integrated ringing
generator.
The control interface is a parallel type with open
drain output and 3.3 V logic levels.
The metering pulses are generated on chip
starting from two logic signals (0 and 3.3 V) one
define the metering pulse frequency and the other
the metering pulse duration. An on chip circuit
then provides the proper shaping and filtering.
Metering pulse amplitude and shaping (rising and
decay time) can be programmed by external
components. A dedicated cancellation circuit
avoid possible codec input saturation due to
metering pulse echo.
Constant current feed can be set from 20 mA to
40 mA. Off-hook detection threshold is
programmable from 5 mA to 9 mA.
The device, developed in BCD III S technology
(90 V process), operates in the extended
temperature range and integrates a thermal
protection that sets the device in power down
when Tj exceeds 140 °C.
LQFP44
Table 1.
Device summary
Order code
Package
Packing
E-STLC3055N (1)
1.
ECOPACK® (see Section 10)
LQFP44
Tray
www.st.com


Similar Part No. - STLC3055N_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC3055N STMICROELECTRONICS-STLC3055N Datasheet
315Kb / 25P
WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
Feb-2006
More results

Similar Description - STLC3055N_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC3055 STMICROELECTRONICS-STLC3055 Datasheet
153Kb / 22P
WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
Oct-1999
STLC3065 STMICROELECTRONICS-STLC3065 Datasheet
194Kb / 27P
WLL SUBSCRIBER LINE INTERFACE CIRCUIT
Oct-1999
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
Subscriber Line Interface Circuit
logo
STMicroelectronics
STLC3055N STMICROELECTRONICS-STLC3055N Datasheet
315Kb / 25P
WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
Feb-2006
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com