Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS6M100DEE Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS6M100DEE
Description  High voltage power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS6M100DEE Datasheet(HTML) 4 Page - STMicroelectronics

  STPS6M100DEE Datasheet HTML 1Page - STMicroelectronics STPS6M100DEE Datasheet HTML 2Page - STMicroelectronics STPS6M100DEE Datasheet HTML 3Page - STMicroelectronics STPS6M100DEE Datasheet HTML 4Page - STMicroelectronics STPS6M100DEE Datasheet HTML 5Page - STMicroelectronics STPS6M100DEE Datasheet HTML 6Page - STMicroelectronics STPS6M100DEE Datasheet HTML 7Page - STMicroelectronics STPS6M100DEE Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STPS6M100DEE
4/8
Doc ID 023259 Rev 1
Figure 7.
Forward voltage drop versus
forward current
Figure 8.
Thermal resistance junction to
ambient versus copper surface
under tab
IFM(A)
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Tj=25 °C
(Maximum values)
VFM(V)
Tj=125 °C
(Typical values)
Tj=125 °C
(Maximum values)
Rth(j-a)(°C/W)
0
50
100
150
200
250
01
2345
678
9
10
PowerFLAT (3.3x3.3)
SCu(cm²)
epoxy printed board FR4, copper thickness=35µm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com