Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29F040B-09 Datasheet(PDF) 23 Page - SPANSION

Part # AM29F040B-09
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29F040B-09 Datasheet(HTML) 23 Page - SPANSION

Back Button AM29F040B-09 Datasheet HTML 19Page - SPANSION AM29F040B-09 Datasheet HTML 20Page - SPANSION AM29F040B-09 Datasheet HTML 21Page - SPANSION AM29F040B-09 Datasheet HTML 22Page - SPANSION AM29F040B-09 Datasheet HTML 23Page - SPANSION AM29F040B-09 Datasheet HTML 24Page - SPANSION AM29F040B-09 Datasheet HTML 25Page - SPANSION AM29F040B-09 Datasheet HTML 26Page - SPANSION AM29F040B-09 Datasheet HTML 27Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
November 11, 2009 21445E8
Am29F040B
21
D A TA
SH EE T
AC CHARACTERISTICS
Read Only Operations
Notes:
1. See Figure 7 and Table 6 for test conditions.
2. Output driver disable time.
3. Not 100% tested.
Parameter Symbols
Description
Test Setup
Speed Options (Note
1)
Unit
JEDEC
Std
-55
-70
-90
tAVAV
tRC
Read Cycle Time (Note 3)
Min
55
70
90
ns
tAVQV
tACC
Address to Output Delay
CE# = VIL,
OE# = VIL
Max
55
70
90
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
55
70
90
ns
tGLQV
tOE
Output Enable to Output Delay
Max
30
30
35
ns
tOEH
Output Enable Hold Time
(Note 3)
Read
Min
0
0
0
ns
Toggle and
Data# Polling
Min
10
10
10
ns
tEHQZ
tDF
Chip Enable to Output High Z
(Notes 2, 3)
Max
18
20
20
ns
tGHQZ
tDF
Output Enable to Output High Z
(Notes 2, 3)
18
20
20
ns
tAXQX
tOH
Output Hold Time from Addresses, CE# or
OE#, Whichever Occurs First
Min
0
0
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com