Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS30M100S Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS30M100S
Description  100 V, 30 A power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30M100S Datasheet(HTML) 4 Page - STMicroelectronics

  STPS30M100S Datasheet HTML 1Page - STMicroelectronics STPS30M100S Datasheet HTML 2Page - STMicroelectronics STPS30M100S Datasheet HTML 3Page - STMicroelectronics STPS30M100S Datasheet HTML 4Page - STMicroelectronics STPS30M100S Datasheet HTML 5Page - STMicroelectronics STPS30M100S Datasheet HTML 6Page - STMicroelectronics STPS30M100S Datasheet HTML 7Page - STMicroelectronics STPS30M100S Datasheet HTML 8Page - STMicroelectronics STPS30M100S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STPS30M100S
4/10
Doc ID 15523 Rev 3
Figure 8.
Non repetitive surge peak forward
current versus overload duration
(maximum values) (TO-220FPAB)
Figure 9.
Relative variation of thermal
impedance junction to case versus
pulse duration (TO-220FPAB)
0
50
100
150
200
1.E-03
1.E-02
1.E-01
1.E+00
Tc=25°C
Tc=75°C
Tc=125°C
IM
t
δ =0.5
IM(A)
t(s)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
tp(s)
Zth(j-c)/Rth(j-c)
Figure 10.
Reverse leakage current versus
reverse voltage applied (typical
values)
Figure 11.
Junction capacitance versus
reverse voltage applied (typical
values)
Figure 12.
Forward voltage drop versus
forward current (high level)
Figure 13.
Forward voltage drop versus
forward current (low level)
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
10
2030
4050
6070
8090
100
IR(mA)
Tj=150°C
Tj=125°C
Tj=25°C
Tj=100°C
Tj=75°C
Tj=50°C
VR(V)
100
1000
10000
1
10
100
F=1M H z
Vosc=30m V
Tj=25°C
C(pF)
VR (V)
0
20
40
60
80
100
120
140
160
180
200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IFM(A)
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
VFM(V)
0
5
10
15
20
25
30
0.0
0.2
0.4
0.6
0.8
1.0
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
V
(V)
FM
IFM(A)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com