Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS1150 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPS1150
Description  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1150 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPS1150_11 Datasheet HTML 3Page - STMicroelectronics STPS1150_11 Datasheet HTML 4Page - STMicroelectronics STPS1150_11 Datasheet HTML 5Page - STMicroelectronics STPS1150_11 Datasheet HTML 6Page - STMicroelectronics STPS1150_11 Datasheet HTML 7Page - STMicroelectronics STPS1150_11 Datasheet HTML 8Page - STMicroelectronics STPS1150_11 Datasheet HTML 9Page - STMicroelectronics STPS1150_11 Datasheet HTML 10Page - STMicroelectronics STPS1150_11 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
STPS1150
10/11
Doc ID 9472 Rev 5
3
Ordering information
4
Revision history
Table 9.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
STPS1150M
115
STmite
0.0155 g
12000
Tape and reel
STPS1150MF
F115
STmite flat
0.016 g
12000
Tape and reel
STPS1150A
1150
SMA
0.068 g
5000
Tape and reel
STPS1150
STPS1150
DO-41
0.34 g
2000
Ammopack
STPS1150RL
STPS1150
DO-41
0.34 g
5000
Tape and reel
Table 10.
Document revision history
Date
Revision
Changes
Jul-2003
2A
Last update.
Aug-2004
3
SMA package dimensions update. Reference A1 max. changed
from 2.70mm (0.106) to 2.03mm (0.080).
31-May-2006
4
Reformatted to current standard. Added ECOPACK statement.
Updated SMA footprint in Figure 15. Changed nF to pF in Figure 10.
09-Feb-2011
5
Added STmite and STmite flat package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com