Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SF2143B Datasheet(PDF) 5 Page - RF Monolithics, Inc

Part # SF2143B
Description  Designed for SDARS IF
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2143B Datasheet(HTML) 5 Page - RF Monolithics, Inc

  SF2143B Datasheet HTML 1Page - RF Monolithics, Inc SF2143B Datasheet HTML 2Page - RF Monolithics, Inc SF2143B Datasheet HTML 3Page - RF Monolithics, Inc SF2143B Datasheet HTML 4Page - RF Monolithics, Inc SF2143B Datasheet HTML 5Page - RF Monolithics, Inc SF2143B Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 5 of 6
©2009-2010 by RF Monolithics, Inc.
SF2143B - 8/10/10
SMP-03 Case
Recommended PCB Footprint
Case Dimensions
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
6.80
7.00
7.20
0.268
0.276
0.283
B
4.80
5.00
5.20
0.189
0.197
0.205
C
-
1.65
2.00
-
0.065
0.079
D
0.47
0.60
0.73
0.019
0.024
0.029
E
2.41
2.54
2.67
0.095
0.100
0.105
H
0.87
1.00
1.13
0.034
0.039
0.044
J
4.87
5.00
5.13
0.192
0.197
0.202
K
2.87
3.00
3.13
0.113
0.118
0.123
P
1.14
1.27
1.40
0.045
0.050
0.055
Electrical Connections
Connection
Terminals
Port 1
Input
1
Input
10
Port 2
Output TDM1
6
Output TDM1
7
Port 3
Output TDM2
4
Output TDM2
5
Ground
All others
Materials
Solder Pad
Plating
0.3 to 1.0 µm Gold over 1.27 to 8.89 µm Nickel
Lid Plating
2.0 to 3.0 µm Nickel
Body
Al2O3 Ceramic
Pb Free
A
B
C
H
E
P
D
H
J
K
10-Terminal Ceramic Surface-Mount Case
7 x 5 mm Nominal Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com