Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29CD032J Datasheet(PDF) 8 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 8 Page - SPANSION

Back Button S29CD032J Datasheet HTML 4Page - SPANSION S29CD032J Datasheet HTML 5Page - SPANSION S29CD032J Datasheet HTML 6Page - SPANSION S29CD032J Datasheet HTML 7Page - SPANSION S29CD032J Datasheet HTML 8Page - SPANSION S29CD032J Datasheet HTML 9Page - SPANSION S29CD032J Datasheet HTML 10Page - SPANSION S29CD032J Datasheet HTML 11Page - SPANSION S29CD032J Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
8
S29CD-J and S29CL-J Flash Family
S29CD-J_CL-J_00_B7 October 11, 2012
Da ta
Sh e e t
1.
Ordering Information
The order number (Valid Combination) is formed by the following:
S29CD032J
S29CL032J
0
J
F
A
I
0
0
0
Packing Type
0
=
Tray, FBGA: 180 per tray, min. 10 trays per box
Tray, PQFP: 66 per tray, min. 10 trays per box
2
=
7” Tape and Reel, FBGA: 400 per reel
3
=
13” Tape and Reel, FBGA: 1600 per reel
13” Tape and Reel, PQFP: 500 per reel
Boot Sector Option (16th Character)
0
=
Top Boot with Simultaneous Operation
1
=
Bottom Boot with Simultaneous Operation
2
=
Top Boot without Simultaneous Operation
3
=
Bottom Boot without Simultaneous Operation
Autoselect ID Option (15th Character)
0
=
7E, 08, 01/00 Autoselect ID
1
=
7E, 36, 01/00 Autoselect ID
S29CD016J only
0
=
7E, 46, 01/00 Autoselect ID
S29CL016J only
0
=
7E, 09, 01/00 Autoselect ID
S29CD032J only
0
=
7E, 49, 01/00 Autoselect ID
S29CL032J only
Temperature Range
I
=
Industrial (–40°C to +85°C)
M
=
Extended (–40°C to +125°C)
Material Set
A
=
Standard
F
=
Pb-free Option
Package Type
Q
=
Plastic Quad Flat Package (PQFP)
F
=
Fortified Ball Grid Array, 1.0 mm pitch package, 13 x 11 mm package
B
=
Fortified Ball Grid Array, 1.0 mm pitch package, 11 x 9 mm package
Clock Frequency (11th Character)
J
=
40 MHz
M
=
56 MHz
P
=
66 MHz
R
=
75 MHz
Initial Burst Access Delay (10th Character)
0
=
5-1-1-1, 6-1-1-1, and above
1
=
4-1-1-1 (40 MHz only)
Device Number/Description
S29CD032J/S29CD016J (2.5 volt-only), S29CL032J/S29CL016J (3.3 volt-only)
32 or 16 Megabit (1M or 512k x 32-Bit) CMOS Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
Manufactured on 110 nm floating gate technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com