Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STTH4R02-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH4R02-Y
Description  Automotive ultrafast recovery diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH4R02-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH4R02-Y Datasheet HTML 1Page - STMicroelectronics STTH4R02-Y Datasheet HTML 2Page - STMicroelectronics STTH4R02-Y Datasheet HTML 3Page - STMicroelectronics STTH4R02-Y Datasheet HTML 4Page - STMicroelectronics STTH4R02-Y Datasheet HTML 5Page - STMicroelectronics STTH4R02-Y Datasheet HTML 6Page - STMicroelectronics STTH4R02-Y Datasheet HTML 7Page - STMicroelectronics STTH4R02-Y Datasheet HTML 8Page - STMicroelectronics STTH4R02-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
December 2010
Doc ID 17391 Rev 1
1/9
9
STTH4R02-Y
Automotive ultrafast recovery diode
Features
■ Very low conduction losses
■ Negligible switching losses
■ Low forward and reverse recovery times
■ High junction temperature
■ AEC-Q101 qualified
Description
The STTH4R02 uses ST's new 200 V planar Pt
doping technology, and it is specially suited for
switching mode base drive and transistor circuits.
Packaged SMB, SMC, this device is intended for
use in low voltage, high frequency inverters, free
wheeling and polarity protection in automotive
applications.
Table 1.
Device summary
Symbol
Value
IF(AV)
4 A
VRRM
200 V
Tj (max)
175 °C
VF (typ)
0.76 V
trr (typ)
16 ns
K
A
K
A
SMB
STTH4R02UY
SMC
STTH4R02SY
www.st.com


Similar Part No. - STTH4R02-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH4R02-Y STMICROELECTRONICS-STTH4R02-Y Datasheet
449Kb / 14P
Automotive ultrafast recovery diode
14-Apr-2016
STTH4R02-Y STMICROELECTRONICS-STTH4R02-Y_V01 Datasheet
449Kb / 14P
Automotive ultrafast recovery diode
14-Apr-2016
More results

Similar Description - STTH4R02-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2R02-Y STMICROELECTRONICS-STTH2R02-Y Datasheet
96Kb / 8P
Automotive ultrafast recovery diode
20-Oct-2010
STTH602C-Y STMICROELECTRONICS-STTH602C-Y Datasheet
99Kb / 7P
Automotive ultrafast recovery diode
24-Oct-2012
STTH802-Y STMICROELECTRONICS-STTH802-Y Datasheet
105Kb / 7P
Automotive ultrafast recovery diode
24-Oct-2012
STTH810-Y STMICROELECTRONICS-STTH810-Y Datasheet
111Kb / 8P
Automotive ultrafast recovery - high voltage diode
24-Oct-2012
STTH1210-Y STMICROELECTRONICS-STTH1210-Y Datasheet
106Kb / 8P
Automotive ultrafast recovery - high voltage diode
24-Oct-2012
STTH3010-Y STMICROELECTRONICS-STTH3010-Y Datasheet
196Kb / 9P
Automotive ultrafast recovery - high voltage diode
28-Jun-2012
STTH4R02UY STMICROELECTRONICS-STTH4R02UY Datasheet
114Kb / 9P
Automotive ultrafast recovery diode
03-Dec-2010
STTH2R02UY STMICROELECTRONICS-STTH2R02UY Datasheet
95Kb / 8P
Automotive ultrafast recovery diode
20-Oct-2010
STTH1R04-Y STMICROELECTRONICS-STTH1R04-Y Datasheet
163Kb / 10P
Automotive ultrafast recovery diode
09-Jul-2013
STTH802SFY STMICROELECTRONICS-STTH802SFY Datasheet
497Kb / 13P
Automotive 200 V ultrafast recovery diode
July 2018 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com