Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9352 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9352
Description  Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9352 Datasheet(HTML) 1 Page - STMicroelectronics

  L9352_08 Datasheet HTML 1Page - STMicroelectronics L9352_08 Datasheet HTML 2Page - STMicroelectronics L9352_08 Datasheet HTML 3Page - STMicroelectronics L9352_08 Datasheet HTML 4Page - STMicroelectronics L9352_08 Datasheet HTML 5Page - STMicroelectronics L9352_08 Datasheet HTML 6Page - STMicroelectronics L9352_08 Datasheet HTML 7Page - STMicroelectronics L9352_08 Datasheet HTML 8Page - STMicroelectronics L9352_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
September 2008
Rev 6
1/27
1
L9352B
Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
Features
■ Quad low-side switch
■ 2 x 5 A designed as conventional switch
■ 2 x 2.5 A designed as switched current-
regulator
■ Low ON-resistance 4 x 0.2 Ω (typ.)
■ PowerSO-36 - package with integrated cooling
area
■ Integrated free-wheeling and clamping Z-
diodes
■ Output slope control
■ Short circuit protection
■ Selective overtemperature shutdown
■ Open load detection
■ Ground and supply loss detection
■ External clock control
■ Recirculation control
■ Regulator drift detection
■ Regulator error control
■ Status monitoring
■ status push-pull stages
■ Electrostatic discharge (ESD) protection
Description
The L9352B is an integrated quad low-side power
switch to drive inductive loads like valves used in
ABS systems. Two of the four channels are
current regulators with current range from 0 mA to
2.25 A.
All channels are protected against fail functions.
They are monitored by a status output.
PowerSO-36
Table 1.
Device summary
Order code
Package(1)
1.
ECOPACK® package (see Section 6: Package information).
Packing
L9352B-LF
PowerSO-36
Tray
L9352B-TR-LF
PowerSO-36
Tape and reel
www.st.com


Similar Part No. - L9352_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9352-DIE1 STMICROELECTRONICS-L9352-DIE1 Datasheet
328Kb / 21P
INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
Jun-2002
L9352B STMICROELECTRONICS-L9352B Datasheet
611Kb / 21P
INTELLIGENT QUAD (2X5A/2X2.5A) LOW-SIDE SWITCH
Feb-2004
L9352B STMICROELECTRONICS-L9352B Datasheet
333Kb / 27P
Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
17-Sep-2013
L9352B-DIE1 STMICROELECTRONICS-L9352B-DIE1 Datasheet
611Kb / 21P
INTELLIGENT QUAD (2X5A/2X2.5A) LOW-SIDE SWITCH
Feb-2004
L9352B-LF STMICROELECTRONICS-L9352B-LF Datasheet
334Kb / 27P
Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
17-Sep-2013
More results

Similar Description - L9352_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9346 STMICROELECTRONICS-L9346 Datasheet
96Kb / 13P
QUAD INTELLIGENT POWER LOW SIDE SWITCH
May-2000
L9349 STMICROELECTRONICS-L9349 Datasheet
285Kb / 12P
QUAD INTELLIGENT POWER LOW SIDE SWITCH
Sep-2002
logo
Siemens Semiconductor G...
TLE4211 SIEMENS-TLE4211 Datasheet
373Kb / 13P
Intelligent Double Low-Side Switch 2 x 2 A
TLE4214G SIEMENS-TLE4214G Datasheet
371Kb / 16P
Intelligent Double Low-Side Switch 2 x 0.5 A
logo
Texas Instruments
TPIC2404 TI-TPIC2404 Datasheet
88Kb / 7P
INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
L9332 STMICROELECTRONICS-L9332 Datasheet
255Kb / 17P
Quad intelligent power low side switch
28-Mar-2008
L9349-LF STMICROELECTRONICS-L9349-LF Datasheet
267Kb / 17P
Quad intelligent power low side switch
09-Sep-2008
logo
Texas Instruments
TPIC2404KN TI-TPIC2404KN Datasheet
90Kb / 7P
INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
L9352B-TR-LF STMICROELECTRONICS-L9352B-TR-LF Datasheet
334Kb / 27P
Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
17-Sep-2013
IPS4260L STMICROELECTRONICS-IPS4260L Datasheet
834Kb / 29P
Quad low-side intelligent power switch
30-Jul-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com