Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPL-WB-02D3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # CPL-WB-02D3
Description  Wide-band, directional coupler with integrated 50 ohm loaded isolated port
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CPL-WB-02D3 Datasheet(HTML) 4 Page - STMicroelectronics

  CPL-WB-02D3 Datasheet HTML 1Page - STMicroelectronics CPL-WB-02D3 Datasheet HTML 2Page - STMicroelectronics CPL-WB-02D3 Datasheet HTML 3Page - STMicroelectronics CPL-WB-02D3 Datasheet HTML 4Page - STMicroelectronics CPL-WB-02D3 Datasheet HTML 5Page - STMicroelectronics CPL-WB-02D3 Datasheet HTML 6Page - STMicroelectronics CPL-WB-02D3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Package information
CPL-WB-02D3
4/7
Doc ID 023286 Rev 1
3
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 3.
Package dimensions
Figure 4.
Footprint
Figure 5.
Marking
1.00 mm ± 45 µm
580 µm
200 µm
625 µm
UBM: ø 220 µm
±50 µm
Copper pad diameter:
220 µm recommended
Solder stencil opening:
220 µm recommended
Solder mask opening:
300 µm minimum
260 µm maximum
x
y
x
w
z
w
Dot, ST logo
ECOPACK grade
xx = marking
z = manufacturing location
yww = datecode
(y = year
ww = week)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com