Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCPL-WB-02D3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # DCPL-WB-02D3
Description  Wide-band, dual-path directional coupler with integrated 50 ohm loaded isolated port
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DCPL-WB-02D3 Datasheet(HTML) 5 Page - STMicroelectronics

  DCPL-WB-02D3 Datasheet HTML 1Page - STMicroelectronics DCPL-WB-02D3 Datasheet HTML 2Page - STMicroelectronics DCPL-WB-02D3 Datasheet HTML 3Page - STMicroelectronics DCPL-WB-02D3 Datasheet HTML 4Page - STMicroelectronics DCPL-WB-02D3 Datasheet HTML 5Page - STMicroelectronics DCPL-WB-02D3 Datasheet HTML 6Page - STMicroelectronics DCPL-WB-02D3 Datasheet HTML 7Page - STMicroelectronics DCPL-WB-02D3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DCPL-WB-02D3
Package information
Doc ID 023285 Rev 1
5/8
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 4.
Package dimensions
Figure 5.
Footprint
Figure 6.
Marking
1.67 mm ± 50 µm
632 µm
Ø 255 µm ± 40 µm
630 µm ±60 µm
200 µm
LB Path
HB Path
B1
C2
HB
in
B1
CPLD
50
Ω
LB
out
GND
LB
in
GND
HB
out
Copper pad diameter:
220 µm recommended
Solder stencil opening:
220 µm recommended
Solder mask opening:
300 µm minimum
x
y
x
w
z
w
Dot, ST logo
ECOPACK status
xx = marking
z = manufacturing
location
yww = datecode
(y = year
ww = week)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com