Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECMF02-4CMX8 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ECMF02-4CMX8
Description  Common mode filter with ESD protection for USB 2.0 Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-4CMX8 Datasheet(HTML) 1 Page - STMicroelectronics

  ECMF02-4CMX8 Datasheet HTML 1Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 2Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 3Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 4Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 5Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 6Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 7Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 8Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
September 2012
Doc ID 022286 Rev 1
1/16
16
ECMF02-4CMX8
Common mode filter with ESD protection for USB 2.0 Interface
Datasheet
production data
Features
■ Integrated common mode filter
■ Differential pair ESD protection
■ 16 V VBUS ESD and EOS protection
■ ID pin ESD protection
■ Low profile µQFN-8L package
■ High bandwidth: >6 GHz
■ Optimized for high speed USB 2.0
■ High common mode attenuation at 900 MHz
and 1.8 GHz
■ Support of audio over USB 2.0 thanks to
bidirectional ESD protection
■ Ultra compact, low board space
■ Low height: < 0.55 mm
Complies with the following standards:
■ IEC 61000-4-2 level 4:
–
15 kV (air discharge)
–
8 kV (contact discharge)
■ RoHS2 compliant
Applications
Where transient over-voltage protection in ESD
sensitive equipment is required, such as:
■ Computers
■ Printers
■ Communication systems
■ Cellular phone handsets and accessories
■ Video equipment
Figure 1.
Pin configuration (top view)
Description
ECMF02-4CMX8 affords key component
integration such as common mode filter D+ and
D- lines and ESD protection on all lines. This
device offers an optimized flow-through footprint
for USB 2.0 applications.
µQFN-8L
(pin view)
D+
D-
D-
GND
V
BUS
GND
ID
D+
www.st.com


Similar Part No. - ECMF02-4CMX8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ECMF02-2AMX6 STMICROELECTRONICS-ECMF02-2AMX6 Datasheet
387Kb / 15P
Common mode filter with ESD protection for USB 2.0 and MIPI D-PHY/MDDI interface
28-Jun-2011
ECMF02-2BF3 STMICROELECTRONICS-ECMF02-2BF3 Datasheet
49Kb / 3P
Dual line IPAD?? common mode filter with ESD protection for high speed serial interface
01-Feb-2012
ECMF02-2HSMX6 STMICROELECTRONICS-ECMF02-2HSMX6 Datasheet
888Kb / 17P
ESD protected common mode filter for USB3.0 interface
25-Aug-2014
ECMF02-3F3 STMICROELECTRONICS-ECMF02-3F3 Datasheet
449Kb / 12P
Common mode filter with ESD protection
19-Dec-2013
ECMF02-3HSM6 STMICROELECTRONICS-ECMF02-3HSM6 Datasheet
667Kb / 15P
Provides -20 dB attenuation at 700 MHz in LTE bands
12-Nov-2015
More results

Similar Description - ECMF02-4CMX8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ECMF02-2AMX6 STMICROELECTRONICS-ECMF02-2AMX6 Datasheet
387Kb / 15P
Common mode filter with ESD protection for USB 2.0 and MIPI D-PHY/MDDI interface
28-Jun-2011
logo
ON Semiconductor
EMI4183MU ONSEMI-EMI4183MU Datasheet
876Kb / 10P
Common Mode Filter with ESD Protection
July, 2012 ??Rev. P1
logo
STMicroelectronics
ECMF04-4HSM10 STMICROELECTRONICS-ECMF04-4HSM10 Datasheet
483Kb / 13P
Common mode filter with ESD protection for high speed serial interface
25-Aug-2014
ECMF2-0730V12M12 STMICROELECTRONICS-ECMF2-0730V12M12 Datasheet
533Kb / 14P
Common mode filter with ESD protection for USB2.0 interface
01-Mar-2016
ECMF4-20A42N10 STMICROELECTRONICS-ECMF4-20A42N10 Datasheet
656Kb / 13P
Common mode filter with ESD protection for high speed serial interface
16-May-2016
ECMF4-2450A17M10 STMICROELECTRONICS-ECMF4-2450A17M10 Datasheet
820Kb / 13P
Common mode filter with ESD protection for high speed serial interface
November 2016 Rev 1
ECMF06-6HSM16 STMICROELECTRONICS-ECMF06-6HSM16 Datasheet
532Kb / 13P
Common mode filter with ESD protection for high speed serial interface
August 2014 Rev 2
ECMF04-4HSM10 STMICROELECTRONICS-ECMF04-4HSM10_V01 Datasheet
2Mb / 14P
Common mode filter with ESD protection for high speed serial interface
09-Nov-2020
ECMF4-2450A60N10 STMICROELECTRONICS-ECMF4-2450A60N10 Datasheet
4Mb / 14P
Common mode filter with ESD protection for high speed serial interface
02-Jun-2021
ECMF2-40A100N6 STMICROELECTRONICS-ECMF2-40A100N6 Datasheet
6Mb / 17P
Common mode filter with ESD protection for high speed serial interface
27-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com