Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMIF03-SIM03F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF03-SIM03F3
Description  3-line IPAD?? EMI filter including ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM03F3 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF03-SIM03F3 Datasheet HTML 1Page - STMicroelectronics EMIF03-SIM03F3 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM03F3 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM03F3 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM03F3 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM03F3 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM03F3 Datasheet HTML 7Page - STMicroelectronics EMIF03-SIM03F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
October 2010
Doc ID 16798 Rev 2
1/8
8
EMIF03-SIM03F3
3-line IPAD™, EMI filter including ESD protection
Features
■ EMI symmetrical (I/O) low-pass filter
■ high efficiency in EMI/ESD protection
■ lead-free package
■ very thin package
■ high reliability offered by monolithic integration
■ high reduction of parasitic elements through
integration and wafer level packaging
Complies with the following standards
■ IEC 61000-4-2 level 4:
– ± 15 kV (air discharge)
– ± 8 kV (contact discharge)
■ IEC 61000-4-2 level 1:
– ± 2 kV (air discharge)
– ± 2 kV (contact discharge)
■ ETSI 102.221 (configuration FIDI = 97)
Applications
Where EMI filtering in ESD sensitive equipment is
required:
■ mobile phones and communication systems
■ computers, printers and MCU Boards
Description
The EMIF03-SIM03F3 chip is a very low
capacitance EMI filter designed to suppress
EMI/RFI noise in all systems subjected to
electromagnetic interference.
This filter includes ESD protection circuitry, which
prevents damage to the protected device when
subjected to ESD surges up to 15 kV.
Figure 1.
Pin configuration (bump side)
Figure 2.
Configuration
TM: IPAD is a trademark of STMicroelectronics.
Lead-free Flip-Chip package
(8 bumps)
3
2
1
A
C
B
RST
in
CLK
in
GND
Data
in
Vcc
RST
ext
CLK
ext
Data
ext
A2
B1
C1
C2
A3
B3
C3
B2
47
Ω
100
Ω
R1
R2
R3
100
Ω
GND
www.st.com


Similar Part No. - EMIF03-SIM03F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF03-SIM01 STMICROELECTRONICS-EMIF03-SIM01 Datasheet
164Kb / 11P
003 LINES EMI FILTER INCLUDING ESD PROTECTION
22-Feb-2001
EMIF03-SIM01F2 STMICROELECTRONICS-EMIF03-SIM01F2 Datasheet
134Kb / 7P
3 LINES EMI FILTER INCLUDING ESD PROTECTION
13-Dec-2204
EMIF03-SIM01F2 STMICROELECTRONICS-EMIF03-SIM01F2 Datasheet
175Kb / 7P
3-line IPAD?? EMI filter including ESD protection
28-Apr-2008
EMIF03-SIM01F2 STMICROELECTRONICS-EMIF03-SIM01F2_08 Datasheet
175Kb / 7P
3-line IPAD?? EMI filter including ESD protection
28-Apr-2008
EMIF03-SIM02C2 STMICROELECTRONICS-EMIF03-SIM02C2 Datasheet
141Kb / 8P
3 line EMI filter including ESD protection
21-Mar-2007
More results

Similar Description - EMIF03-SIM03F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF10-1K010F2 STMICROELECTRONICS-EMIF10-1K010F2_08 Datasheet
183Kb / 8P
10-line IPAD?? EMI filter including ESD protection
17-Apr-2008
EMIF03-SIM01F2 STMICROELECTRONICS-EMIF03-SIM01F2_08 Datasheet
175Kb / 7P
3-line IPAD?? EMI filter including ESD protection
28-Apr-2008
EMIF03-SIM02F2 STMICROELECTRONICS-EMIF03-SIM02F2_08 Datasheet
155Kb / 8P
3-line IPAD, EMI filter including ESD protection
24-Apr-2008
EMIF03-SIM02F3 STMICROELECTRONICS-EMIF03-SIM02F3 Datasheet
307Kb / 9P
3-line IPAD, EMI filter including ESD protection
28-Apr-2008
EMIF02-USB04F3 STMICROELECTRONICS-EMIF02-USB04F3 Datasheet
175Kb / 7P
3-line IPAD?? EMI filter including ESD protection
21-Oct-2010
EMIF03-SIM02C2 STMICROELECTRONICS-EMIF03-SIM02C2_10 Datasheet
188Kb / 8P
3-line IPAD??EMI filter including ESD protection
02-Sep-2010
EMIF03-SIM02F3 STMICROELECTRONICS-EMIF03-SIM02F3_10 Datasheet
288Kb / 9P
3-line IPAD?? EMI filter including ESD protection
07-Apr-2010
EMIF03-SIM04F3 STMICROELECTRONICS-EMIF03-SIM04F3 Datasheet
193Kb / 7P
3-line IPAD?? EMI filter including ESD protection
12-Oct-2010
EMIF03SIM02F2 STMICROELECTRONICS-EMIF03SIM02F2 Datasheet
153Kb / 8P
3-line IPAD?? EMI filter including ESD protection
24-Apr-2008
EMIF03-SIM06F3 STMICROELECTRONICS-EMIF03-SIM06F3 Datasheet
321Kb / 7P
3-line IPAD™, EMI filter including ESD protection
19-Dec-2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com