Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CXP5084 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXP5084
Description  CMOS 4-bit Single Chip Microcomputer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP5084 Datasheet(HTML) 1 Page - Sony Corporation

  CXP5084 Datasheet HTML 1Page - Sony Corporation CXP5084 Datasheet HTML 2Page - Sony Corporation CXP5084 Datasheet HTML 3Page - Sony Corporation CXP5084 Datasheet HTML 4Page - Sony Corporation CXP5084 Datasheet HTML 5Page - Sony Corporation CXP5084 Datasheet HTML 6Page - Sony Corporation CXP5084 Datasheet HTML 7Page - Sony Corporation CXP5084 Datasheet HTML 8Page - Sony Corporation CXP5084 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CMOS 4-bit Single Chip Microcomputer
Description
The CXP5084/5086 is a CMOS 4-bit microcomputer
which consists of 4-bit CPU, ROM, RAM, I/O port,
8-bit timer, 8-bit timer/counter, 18-bit time base timer,
8-bit serial I/O, vector interruption, power on reset
function and a liquid crystal displayer (LCD) controller/
driver. They are integrated into a single clip with the
standby function etc. which are to be operated at low
power consumption.
Features
• Instruction cycle
3.8µs/4.19MHz
1.9µs/4.19MHz
(High speed version)
• ROM capacity
4096
× 8 bits (CXP5084)
6144
× 8 bits (CXP5086)
• RAM capacity
400
× 4 bits
(Including stack, display area)
• 32 general purpose I/O ports
• LCD controller/driver (Direct drive possible)
— Optional specification of 24, 20 or 16 segment outputs
— 1/2, 1/3, 1/4 duty selectable through program
— 1/3 bias
• 2 external interruption input pins
• 8-bit/4-bit variable serial I/O
• 8-bit timer, 8-bit timer/event counter and 18-bit time
base timer are independently controllable
• Arithmetic and logical operations possible between
the entire RAM area, I/O area and the accumulator
by means of memory mapped I/O
• Reference to the entire ROM area is possible with
the table look-up instruction
• 2 types of power down modes: sleep and stop
• Power on reset circuit (Mask option)
• Available option of either crystal oscillation or CR
oscillation (mask option) types for the oscillation
circuit
• 64-pin plastic SDIP/QFP available
• Piggyback package (CXP5080) available
Structure
Silicon gate CMOS IC
– 1 –
E90377A7Z-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXP5084/5086
64 pin SDIP (Plastic)
64 pin QFP (Plastic)
For the availability of this product, please contact the sales office.


Similar Part No. - CXP5084

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP5080 SONY-CXP5080 Datasheet
148Kb / 6P
CMOS 4-bit Single Chip Microcomputer
CXP508L4 SONY-CXP508L4 Datasheet
225Kb / 11P
CMOS 4-bit Single Chip Microcomputer
CXP508L6 SONY-CXP508L6 Datasheet
225Kb / 11P
CMOS 4-bit Single Chip Microcomputer
More results

Similar Description - CXP5084

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP402 SONY-CXP402 Datasheet
265Kb / 16P
CMOS 4-bit Single Chip Microcomputer
CXP50700 SONY-CXP50700 Datasheet
483Kb / 19P
CMOS 4-BIT SINGLE CHIP MICROCOMPUTER
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
455A RENESAS-455A Datasheet
3Mb / 148P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com