Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEVAL-TDR006V1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STEVAL-TDR006V1
Description  2 stage RF power amp: PD84001 PD84008L-E LPF N-channel enhancement-mode lateral MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR006V1 Datasheet(HTML) 4 Page - STMicroelectronics

  STEVAL-TDR006V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR006V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR006V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR006V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR006V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR006V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR006V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR006V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR006V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Typical performances
STEVAL-TDR006V1
4/18
Doc ID 15623 Rev 1
3
Typical performances
Figure 1.
Output power and current vs
frequency
Figure 2.
Supply current vs frequency
Figure 3.
Input return loss vs frequency
Figure 4.
Harmonics vs frequency
-24
-20
-16
-12
-8
-4
0
380
400
420
440
460
480
500
520
Frequency (MHz)
Vdd = 7.2V
Pin = 10dBm
Pout = 36dBm
Vapc = adjusted
-90
-80
-70
-60
-50
-40
360
380
400
420
440
460
480
500
Frequency (MHz)
H2
H3
Vdd = 7.2V
Idq = 140mA + 100mA
Pin = 10dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com