Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL5987A Datasheet(PDF) 2 Page - STMicroelectronics

Part # EVAL5987A
Description  3 A step-down switching regulator demonstration board based on the L5987, L5987A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL5987A Datasheet(HTML) 2 Page - STMicroelectronics

  EVAL5987A Datasheet HTML 1Page - STMicroelectronics EVAL5987A Datasheet HTML 2Page - STMicroelectronics EVAL5987A Datasheet HTML 3Page - STMicroelectronics EVAL5987A Datasheet HTML 4Page - STMicroelectronics EVAL5987A Datasheet HTML 5Page - STMicroelectronics EVAL5987A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EVAL5987/A application circuit and component list
EVAL5987 - EVAL5987A
2/6
Doc ID 16613 Rev 1
1
EVAL5987/A application circuit and component list
Figure 1.
Application circuit
Figure 2.
Package
Table 1.
Component list
Reference
Part number
Description
Manufacturer
C1
GRM3
2ER61E226KE15
22 µF, 25 V
Murata
C2
GRM32ER61E226KE15
22 µF, 25 V
Murata
C3
2.2 nF, 50 V
C4
10 nF, 50 V
C5
330 pF, 50 V
C6
220 nF, 25 V
R1
4.99 k
Ω, 1%, 0.1 W 0603
R2
2.49 k
Ω, 1%, 0.1 W 0603
R3
330
Ω, 1%, 0.1 W 0603
R4
2 k
Ω, 1%, 0.1 W 0603
R5
100 k
Ω, 1%, 0.1 W 0603
L1
MSS1038-522NL
5.2 µH, 30%, 5.28 A
Coilcraft
D1
STPS2L25V
2 A, 25 V
STMicroelectronics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com