| Electronic Components Datasheet Search |
|
STEVAL-IPE005V1 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STEVAL-IPE005V1 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 11 page ![]() Data Brief For further information contact your local STMicroelectronics sales office. November 2008 Rev 1 1/11 11 STEVAL-IPE005V1 Demonstration programmer board based on the STPM01 Features ■ Full compatible with the STPM01 energy meter and with the appropriate manager software ■ Integrated system designed to provide a complete, ready-to-use energy meter ■ High-end solution for power metering based on the STR710 Microcontroller with embedded RTC ■ External memory interface (EMI) ready to drive 1 Mbyte of on-board SRAM. ■ On-board optical insulated serial line ■ On-board charge pump ■ Access to the STPM01 device registers, using a dedicated SPI bus interface Applications ■ Demonstration purposes: – connecting the demonstration board to an AC power source and changing all the settings parameters through the GUI interface and the hardware programmer/ reader board ■ To evaluate and develop a custom application Description The STEVAL-IPE005V1 demonstration board works in conjunction with the STPM01 energy meter ASSP device and with the STPM01 manager software. It is an integrated system designed to provide the user with a complete, ready-to-use energy meter application. This board is a high-end solution for power metering based on the STR710 microcontroller with an embedded RTC and an external memory interface (EMI) ready to drive 1Mbyte of on-board SRAM. The demonstration board also integrates an on-board optical insulated serial line allowing isolation of the board ground reference in order to avoid propagation of over-voltage on the PC side. Moreover, the on-board charge pump allows burning the STPM01 energy meter ASSP device registers. Access to the STPM01 device registers is ensured using a dedicated SPI bus interface. The STPM01 programmer kit demonstrates how effectively the STPM01 can be used in real-world energy meter applications and it helps the user to develop his own application. STEVAL-IPE005V1 www.st.com |
Similar Part No. - STEVAL-IPE005V1 |
|
Similar Description - STEVAL-IPE005V1 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |