Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEVAL-IPE018V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IPE018V1
Description  Single-phase energy metering demonstration board with one current transformer based on the STPM10
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IPE018V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IPE018V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IPE018V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IPE018V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IPE018V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
December 2011
Doc ID 022630 Rev 1
1/4
4
STEVAL-IPE018V1
Single-phase energy metering demonstration board
with one current transformer based on the STPM10
Features
■ Single-phase, class 0.5 accuracy
■ Vnom(RMS) = 140 to 300 V, Inom / Imax(RMS) =
2/20 A, flin = 45 to 65 Hz
■ Capacitive power supply
■ SPI interface connector
■ RoHS compliant
Description
The STEVAL-IPE018V1 demonstration board is a
class 0.5, single-phase microprocessor-based
meter for power line systems of Vnom = 140 to 300
VRMS, Inom / Imax = 2/20 ARMS, flin = 45 to 65 Hz
and Tamb = -40 to +85 °C. One current
transformer is used for current sensing.
The STEVAL-IPE018V1 demonstration board has
a 10-pin connector to be interfaced to a
microcontroller or to a PC through a parallel or
serial programmer for reading data.
STEVAL-IPE018V1
www.st.com


Similar Part No. - STEVAL-IPE018V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPE010V1 STMICROELECTRONICS-STEVAL-IPE010V1 Datasheet
99Kb / 4P
Energy meter demonstration kit motherboard based on the STPMC1 and STPMS1
June 2010 Rev 1
STEVAL-IPE010V2 STMICROELECTRONICS-STEVAL-IPE010V2 Datasheet
186Kb / 4P
Energy meter demonstration kit motherboard based on the STPMC1
15-Feb-2012
STEVAL-IPE011V1 STMICROELECTRONICS-STEVAL-IPE011V1 Datasheet
94Kb / 4P
Energy meter demonstration kit daughterboard based on the STPMS1
June 2010 Rev 1
STEVAL-IPE014V1 STMICROELECTRONICS-STEVAL-IPE014V1 Datasheet
126Kb / 4P
Isolation of current channel
03-Nov-2014
STEVAL-IPE015V1 STMICROELECTRONICS-STEVAL-IPE015V1 Datasheet
180Kb / 4P
Single-phase energy metering demonstration board with two current transformers based on the STPM10
22-Dec-2011
More results

Similar Description - STEVAL-IPE018V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
STEVAL-IPE008V1 STMICROELECTRONICS-STEVAL-IPE008V1 Datasheet
287Kb / 8P
Energy meter (3-phase) demonstration board based on the STPM01 and STR715FR0
25-Nov-2008
STEVAL-IPE015V1 STMICROELECTRONICS-STEVAL-IPE015V1 Datasheet
180Kb / 4P
Single-phase energy metering demonstration board with two current transformers based on the STPM10
22-Dec-2011
STEVAL-IPE017V1 STMICROELECTRONICS-STEVAL-IPE017V1 Datasheet
169Kb / 4P
Single-phase energy metering demonstration board with one shunt resistor based on the STPM10
22-Dec-2011
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
logo
Analog Devices
UG-194 AD-UG-194 Datasheet
2Mb / 20P
Evaluation Board for the ADE7953 Single Phase Energy Metering IC
Rev. A
logo
STMicroelectronics
STEVAL-IPE011V1 STMICROELECTRONICS-STEVAL-IPE011V1 Datasheet
94Kb / 4P
Energy meter demonstration kit daughterboard based on the STPMS1
June 2010 Rev 1
STEVAL-ISQ013V1 STMICROELECTRONICS-STEVAL-ISQ013V1 Datasheet
74Kb / 4P
Low-side current sensing demonstration board based on the TS507
23-Aug-2010
STEVAL-IPE010V2 STMICROELECTRONICS-STEVAL-IPE010V2 Datasheet
186Kb / 4P
Energy meter demonstration kit motherboard based on the STPMC1
15-Feb-2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com