Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEVAL-ISA010V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-ISA010V1
Description  Ultra wide range dual output back converter demonstration board based on the VIPER16
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA010V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-ISA010V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA010V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA010V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA010V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Circuit schematic and PCB layout
STEVAL-ISA010V1
2/4
Doc ID 15674 Rev 1
1
Circuit schematic and PCB layout
Figure 1.
Schematic diagram
Figure 2.
PCB layout of the buck converter (top, bottom, bottom layout)
R
9 1 kΩ
C
7 1.8 nF
R
2 750 kΩ
R
5 750 k
Ω
R
6
750 k
Ω
R
8
750 k
Ω
C
1
150 nF / X2
D
3
1N4007
L
1
2.2 mH
D
5
STTH108
D
6
15 V
D
2
STTH108
C
3
10 µF / 450 V
C
9
10 µF
/ 35V
C
5
220 µF
/ 25 V
L
2
1 mH
R
1
22
Ω
R
4
9.1 k
Ω
R
3
24 k
Ω
2
J
1
85 - 500 VAC
C
2
150 nF / X2
C
6
10 µF
/ 35 V
1
2
3
J
2
Output
C
8
100 nF
D
1
1N4148
3
1
2
VOUT
VIN
GND
U
2
L78L05
D
4
1N4007
Drain
7
Drain
8
S
1
VDD
2
FB
4
COMP
5
LIM
3
U
1
VIPer16
C
4
10 µF /
450 V
R
7
N.A.
AM00361



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com