Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEVAL-ISA033V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA033V1
Description  55 W flyback SMPS demonstration board for alarm system based on the L5991 and STP12NK80Z
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA033V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA033V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA033V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA033V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA033V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA033V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA033V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
June 2008
Rev 1
1/6
6
STEVAL-ISA033V1
55 W flyback SMPS demonstration board for alarm system
based on the L5991 and STP12NK80Z
Features
■ Input voltage:
– Vin: 88 - 300 Vac (f: 50-60 Hz)
■ Output voltages:
– Vout1 = 13.8 V, Iout1 = 3 A
– Vout2 = 25 V, Iout2= 200 mA
– Vout3 = 3.8 V, Iout3 = 350 mA (1.9 A peak)
■ Output signals:
–AC input check
– Low battery check
Description
This demonstration board is a multi-output SMPS
which can be used to supply an alarm system.
The circuit is composed of an AC-DC single
output converter with an approximate power
capability of 60 W, while the other outputs are
obtained by means of DC-DC converters. The
power supply also integrates a battery charger
circuit in order to charge a standard SLA 12 V
battery.
STEVAL-ISA033V1
www.st.com


Similar Part No. - STEVAL-ISA033V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA030V1 STMICROELECTRONICS-STEVAL-ISA030V1 Datasheet
93Kb / 4P
6 W 3-phase SMPS for metering evaluation board
06-Dec-2007
STEVAL-ISA032V1 STMICROELECTRONICS-STEVAL-ISA032V1 Datasheet
160Kb / 5P
60 W forward converter demonstration board for fiscal cash register based on the L5991 and STP10NK60Z
30-Jun-2008
STEVAL-ISA034V1 STMICROELECTRONICS-STEVAL-ISA034V1 Datasheet
158Kb / 4P
10 W 3-phase auxiliary power supply based on the L6565 and STW3N150
08-Feb-2008
STEVAL-ISA035V1 STMICROELECTRONICS-STEVAL-ISA035V1 Datasheet
94Kb / 4P
Integrated short-circuit protection
18-Jan-2010
STEVAL-ISA036V1 STMICROELECTRONICS-STEVAL-ISA036V1 Datasheet
155Kb / 4P
5 W wide range SMPS demonstration board for metering and motor control based on the ESBT짰 STC04IE170HP
17-Feb-2009
More results

Similar Description - STEVAL-ISA033V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALVIPER17L-7W STMICROELECTRONICS-EVALVIPER17L-7W Datasheet
92Kb / 6P
Demonstration board on 7 W single output based on the VIPer17
05-Jun-2008
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
EVL6564-50WFLB STMICROELECTRONICS-EVL6564-50WFLB Datasheet
201Kb / 6P
50 W wide-range high power factor flyback converter demonstration board based on the L6564
11-Jun-2012
STEVAL-ISA032V1 STMICROELECTRONICS-STEVAL-ISA032V1 Datasheet
160Kb / 5P
60 W forward converter demonstration board for fiscal cash register based on the L5991 and STP10NK60Z
30-Jun-2008
STEVAL-ISA036V1 STMICROELECTRONICS-STEVAL-ISA036V1 Datasheet
155Kb / 4P
5 W wide range SMPS demonstration board for metering and motor control based on the ESBT짰 STC04IE170HP
17-Feb-2009
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISA071V1 STMICROELECTRONICS-STEVAL-ISA071V1 Datasheet
84Kb / 4P
4 W non-isolated, wide input-voltage range SMPS demonstration board based on the VIPER16
11-Jun-2010
STEVAL-ISB012V1 STMICROELECTRONICS-STEVAL-ISB012V1 Datasheet
903Kb / 6P
Battery monitoring system demonstration board based on the STC3105
23-Nov-2011
STEVAL-ISV009V1 STMICROELECTRONICS-STEVAL-ISV009V1 Datasheet
104Kb / 4P
300 W photovoltaic converter demonstration board based on the SPV1020
08-Aug-2011
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com