Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CR14 Datasheet(PDF) 39 Page - STMicroelectronics

Part # CR14
Description  ISO14443 type-B contactless coupler chip with anti-collision and CRC management
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR14 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button CR14_10 Datasheet HTML 35Page - STMicroelectronics CR14_10 Datasheet HTML 36Page - STMicroelectronics CR14_10 Datasheet HTML 37Page - STMicroelectronics CR14_10 Datasheet HTML 38Page - STMicroelectronics CR14_10 Datasheet HTML 39Page - STMicroelectronics CR14_10 Datasheet HTML 40Page - STMicroelectronics CR14_10 Datasheet HTML 41Page - STMicroelectronics CR14_10 Datasheet HTML 42Page - STMicroelectronics CR14_10 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
CR14
DC and AC parameters
Doc ID 11922 Rev 2
39/47
Figure 35.
CR14 synchronous timing
tRFSBL
tRFF
tRFR
B
A
tPOR
VRFOUT
fCC
RFOUT ASK Modulated Signal
1
0
1
EOF
DATA
FRAME transmitted by the CR14 in ASK
847kHz
SOF
1 1 0 DATA
1 0 DATA
1 0
FRAME transmitted by the PICC in BPSK
tDR
tDR
t0
t1
tDA
tDA
0
START
tRFSBL
tRFSBL
tRFSBL
tRFSBL
tRFSBL
tJIT
tJIT
tJIT
tJIT
tJIT
Data jitter on FRAME transmitted by the CR14 in ASK
ai12056
FRAME transmission between the reader and the contactless device
Table 13.
RFOUT AC characteristics
Symbol
Parameter
Condition
Min.
Max.
Unit
fCC
External Oscillator Frequency
VCC = 5 V
13.553
13.567
MHz
MICARRIER
Carrier Modulation Index
MI=(A-B)/(A+B)
10
14
%
tRFR,tRFF
10% Rise and Fall time
0.5
1.5
µs
tRFSBL
Pulse Width on RFOUT
1 ETU = 128/fCC
9.44
µs
tJIT
ASK modulation bit jitter
CR14 to PICC
-0.5
0.5
µs
t0
Antenna Reversal delay
Min = 64/fS
75
µs
t1
Synchronization delay
Min = 80/fS
94
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com