Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6520 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6520
Description  Highly integrated ballast controller for TL and CFL
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6520 Datasheet(HTML) 1 Page - STMicroelectronics

  L6520 Datasheet HTML 1Page - STMicroelectronics L6520 Datasheet HTML 2Page - STMicroelectronics L6520 Datasheet HTML 3Page - STMicroelectronics L6520 Datasheet HTML 4Page - STMicroelectronics L6520 Datasheet HTML 5Page - STMicroelectronics L6520 Datasheet HTML 6Page - STMicroelectronics L6520 Datasheet HTML 7Page - STMicroelectronics L6520 Datasheet HTML 8Page - STMicroelectronics L6520 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
March 2011
Doc ID 16998 Rev 3
1/19
19
L6520
L6521
Highly integrated ballast controller for TL and CFL
Features
■ Half bridge circuit able to drive both BJT and
MOSFET transistors
■ Very accurate oscillator precision in wide
operating temperature range
■ BJTs' storage time compensation
■ Preheated start and instant start
■ Hard switching protection
■ Overcurrent / voltage protection
■ Choke saturation control
■ End-of-life protection
■ Programmable without capacitors
Applications
■ Electronic ballasts (TL, Industrial CFL)
■ Integrated CFLs
Table 1.
Device summary
Order codes
Package
Packaging
L6520
SO8
Tube
L6520TR
Tape and reel
L6521
Tube
L6521TR
Tape and reel
SO8
Figure 1.
Block diagram
www.st.com


Similar Part No. - L6520

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6520 STMICROELECTRONICS-L6520 Datasheet
326Kb / 19P
Highly integrated ballast controller for TL and CFL
09-Mar-2011
L6520TR STMICROELECTRONICS-L6520TR Datasheet
326Kb / 19P
Highly integrated ballast controller for TL and CFL
09-Mar-2011
More results

Similar Description - L6520

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2021 PHILIPS-UBA2021 Datasheet
102Kb / 20P
630 V driver IC for CFL and TL lamps
2001 Jan 30
UBA2021 NXP-UBA2021 Datasheet
107Kb / 16P
630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
logo
International Rectifier
IRPLCFL5U IRF-IRPLCFL5U Datasheet
260Kb / 15P
CFL Ballast for 26W/Spiral Lamp, 120VAC Input
IRPLCFL5E IRF-IRPLCFL5E Datasheet
255Kb / 15P
CFL Ballast for 26W/Spiral Lamp, 220VAC Input
logo
NXP Semiconductors
UBA2021 PHILIPS-UBA2021_08 Datasheet
107Kb / 16P
630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
logo
STMicroelectronics
L6574 STMICROELECTRONICS-L6574 Datasheet
169Kb / 10P
CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
Sep-2003
L6520TR STMICROELECTRONICS-L6520TR Datasheet
326Kb / 19P
Highly integrated ballast controller for TL and CFL
09-Mar-2011
AN2590 STMICROELECTRONICS-AN2590 Datasheet
833Kb / 17P
20 W dimmable CFL ballast solution
08-Oct-2007
logo
NXP Semiconductors
AN10971 PHILIPS-AN10971_15 Datasheet
469Kb / 41P
TL applications with NXP ballast controllers
Rev. 1-15 September 2011
logo
STMicroelectronics
EVAL6574B STMICROELECTRONICS-EVAL6574B Datasheet
398Kb / 8P
CFL/TL ballast driver preheat and dimming demonstration board based on the L6574
May 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com