Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA8088FG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA8088FG
Description  Fully Integrated GPS/Galileo/Glonass/QZSS Receiver with embedded RF and in-package Flash
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088FG Datasheet(HTML) 1 Page - STMicroelectronics

  STA8088FG Datasheet HTML 1Page - STMicroelectronics STA8088FG Datasheet HTML 2Page - STMicroelectronics STA8088FG Datasheet HTML 3Page - STMicroelectronics STA8088FG Datasheet HTML 4Page - STMicroelectronics STA8088FG Datasheet HTML 5Page - STMicroelectronics STA8088FG Datasheet HTML 6Page - STMicroelectronics STA8088FG Datasheet HTML 7Page - STMicroelectronics STA8088FG Datasheet HTML 8Page - STMicroelectronics STA8088FG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice. For further information contact your local STMicroelectronics sales office.
March 2012
Doc ID 022731 Rev 2
1/17
1
STA8088FG
Fully Integrated GPS/Galileo/Glonass/QZSS Receiver
with embedded RF and in-package Flash
Data brief
preliminary data
Features
STMicroelectronics
® 3rd generation positioning
receiver with 32 Tracking channels and 2 fast
acquisition channels compatible with GPS,
Galileo and Glonass systems
Embedded RF Front-End with separate
GPS/Galieo/QZSS and Glonass IF outputs
Embedded low noise amplifier
-162 dBm indoor sensitivity (tracking mode)
Fast TTFF < 1 s in Hot start and 35 s in Cold
Start
High performance ARM946 MCU (up to
208 MHz)
256 Kbyte embedded SRAM
In-Package SQI Flash Memory (16 Mbits)
Real Time Clock (RTC) circuit
32-bit Watch-dog timer
3 UARTs
1 I2C master/slave interface
1 Synchronous Serial Port (SSP, Motorola-SPI
supported) or 1 External SQI Flash interface
USB2.0 dual-role full speed (12 MHz) with
integrated physical layer transceiver
2 Controller Area Network (CAN)
2 channels ADC (10 bits)
3 Embedded 1.8 V voltage regulators
I/O level selectable 1.8 V or 3.3 V
Operating Condition:
–VDD12: 1.2 V ±10%
–VDD18/RF18: 1.8 V ±5%
–VLPVR 1.62 V to 3.6 V
–VddIO: 1.8 V ±5%; 3.3 V ±10%
Package:
– VFQFPN56 (7 x 7 x 0.85 mm) 0.4 mm
pitch
Ambient temperature range: -40/+85°C
Description
STA8088FG is a single die standalone positioning
receiver IC working on multiple constellations
(GPS/Galileo/Glonass/QZSS).
The minimum BOM make STA8088FG the ideal
solution for low-cost and small footprint products
such handheld computers, cameras, data
loggers, and sports accessories.
The device is offered with a complete GNSS
firmware which performs all GNSS operations
including tracking, acquisition, navigation and
data output with no need of external memories
VFQFPN56
(7x7x0.85mm)
www.st.com


Similar Part No. - STA8088FG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA8088EXG STMICROELECTRONICS-STA8088EXG Datasheet
243Kb / 24P
Flexible GPS/Galileo/Glonass/QZSS receiver with high performance processing (ARM9)
26-Mar-2012
STA8088GA STMICROELECTRONICS-STA8088GA Datasheet
276Kb / 18P
Automotive Grade GPS/Galileo/Glonass/QZSS receiver
14-Mar-2012
STA8088TG STMICROELECTRONICS-STA8088TG Datasheet
251Kb / 16P
GPS/Galileo/Glonass/QZSS tracker
17-Feb-2012
More results

Similar Description - STA8088FG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA8088GA STMICROELECTRONICS-STA8088GA Datasheet
276Kb / 18P
Automotive Grade GPS/Galileo/Glonass/QZSS receiver
14-Mar-2012
STA8088TG STMICROELECTRONICS-STA8088TG Datasheet
251Kb / 16P
GPS/Galileo/Glonass/QZSS tracker
17-Feb-2012
STA8089FG STMICROELECTRONICS-STA8089FG Datasheet
537Kb / 34P
Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
27-Jul-2017
STA8089FGA STMICROELECTRONICS-STA8089FGA Datasheet
541Kb / 33P
Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
25-May-2017
STA8089G STMICROELECTRONICS-STA8089G Datasheet
497Kb / 31P
GPS/Galileo/GLONASS/BeiDou/QZSS receiver
03-Jun-2020
STA8089GA STMICROELECTRONICS-STA8089GA Datasheet
512Kb / 32P
Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver
03-Jun-2020
STA8089GAT STMICROELECTRONICS-STA8089GAT Datasheet
658Kb / 33P
Automotive extended temperature GPS/Galileo/GLONASS/BeiDou/QZSS receiver
04-Jun-2020
STA8090FG STMICROELECTRONICS-STA8090FG Datasheet
633Kb / 41P
Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
05-Jun-2020
STA8090GA STMICROELECTRONICS-STA8090GA Datasheet
749Kb / 32P
Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver
14-Sep-2018
STA8090WG STMICROELECTRONICS-STA8090WG Datasheet
554Kb / 34P
Fully Integrated GPS/Galileo/Glonass/QZSS receiver with embedded RF
05-Jun-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com