Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STI5167 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STI5167
Description  Low-cost interactive set-top box with advanced features
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5167 Datasheet(HTML) 2 Page - STMicroelectronics

  STI5167 Datasheet HTML 1Page - STMicroelectronics STI5167 Datasheet HTML 2Page - STMicroelectronics STI5167 Datasheet HTML 3Page - STMicroelectronics STI5167 Datasheet HTML 4Page - STMicroelectronics STI5167 Datasheet HTML 5Page - STMicroelectronics STI5167 Datasheet HTML 6Page - STMicroelectronics STI5167 Datasheet HTML 7Page - STMicroelectronics STI5167 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Description
STi5167
2/8
1
Description
1.1
General
The STi5167 is the latest in the family of STBus set-top box ICs providing high-performance,
low-cost system-on-chip (SoC) for MPEG processing in digital terrestrial STBs. It is derived
from the STi5107, with the addition of a DVB-T COFDM demodulator and supports multiple
platforms using a unified architecture. STi5167 is compatible with the latest CA advanced
security specifications.
The STi5167 delivers enhanced performance with respect to previous devices. Main
memory is based upon a single 16-bit external SDR or DDR SDRAM.
The display architecture of the devices is based upon a high performance blitter engine that
supports CLUT8 and RGB16STi5167 formats for background, video and OSD/graphics
displays. It makes the porting of middleware easier with improved rendering.
1.2
Application
Figure 1.
Terrestrial pay-TV receiver
The STi5167 is designed for CA applications with embedded HW security.
Its BGA package allows the use of a simple 2-layer PCB, with all signals and power supplies
being routed through the top PCB layer. This leaves the bottom PCB layer dedicated to the
ground plane and JTAG connections.
STi5167
VCR
Smart
Card
Flash
IR Rx
SDR/
RGB or
CVBS
YC+CVBS
DVB-T Rx
Tuner
Smart
Card
DDR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com