Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STI5211 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI5211
Description  Low-cost HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5211 Datasheet(HTML) 1 Page - STMicroelectronics

  STI5211 Datasheet HTML 1Page - STMicroelectronics STI5211 Datasheet HTML 2Page - STMicroelectronics STI5211 Datasheet HTML 3Page - STMicroelectronics STI5211 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
June 2010
Doc ID 14550 Rev 2
1/4
4
STi5211
Low-cost HDTV satellite set-top box decoder for Microsoft VC-1,
H.264 and MPEG-2
Features
Microsoft VC-1, MPEG-2 and H.264 support
ST40-300 CPU running at 450 MHz, high
performance for Linux, Windows CE and OS21
based systems
DVB-S2 and DVB-S front-end integrated
demodulators with a fully featured SD
advanced decoder system-on-chip (SoC)
Flexible ST231 based advanced video decoder
ST231 audio decoder at 450 MHz supporting
WMA9, AC3, DD+, AAC, AAC+ with SPDIF
output
SD display: 2 video, 3 graphics planes and
background color with high quality filtering
HDMI/HDCP output with standard definition
(SD) component and composite output
Unified DDR2 16-bit interface operating at up
to 333 MHz
Programmable transport interface (PTI) and
transport stream (TS) merger with up to 2
digital external TS inputs, 2 internal inputs from
internal demodulators and one TS from
memory for network client
USB 2.0 to support network interface and
feature enhancement
External memory interface (EMI) with Nand-
Flash, Nor-Flash, PCI, peripherals support
10/100 Mbit/s Ethernet MAC with media
independent interface (MII) and reduced MII
(RMII)
Advanced security, SVP compliant, WM DRM
compliant
Dual smartcard, 4 x UART, 3 x synchronous
serial controllers (SSC), soft modem and DAA
interface, IR blaster and receiver, UHF Rx
digital input
DiSEqC 2.0 and FSK modem supported
4 x 4 matrix key front panel switch scanner
FSM with key de-bounce
27 x 27 mm package, 65-nm technology
TSin
Padlogic
ClockGen/
EMI/PCI
Digital PCMout
S/PDIF
VDP main
Blitter display
DAC
Analog Stereo
PIOs, UARTs
SSCs, PWM
MAFE, SC...
clocks
IRQs
resets
JTAG
USB-bus
Compositor
SD DACs
YPrPb
SDTV
cursor
GDPx3
HDMI
HDMI
Audio
decoder
(2 channels)
Video
decoder
H.264/VC-1 SD
ST231
Transport/SEC
Video
Audio
Memory
ST231
LMI
MII/RMII
alpha
Video output
SWTS
TSmerger
Audio IF
FLASH
NOR/NAND
SAT FE core
(DEI-SD + IQI)
FE0 FE1
DiSEqC 0
DiSEqC 1/FSK
int I2C
2 x serial
CEC
VDP aux
Video out
DVB-S2+DVB-S
demodulator
or 1 x parallel
PCI
DENC
SD DACs
Padlogic
Service
(JTAG, ICE..)
DDR-2
SDRAM
PTI
PDES3
CPU DMA
MailBoxes (x2)
CPU
ST40-4/300
FDMA
(x2)
COMMS
USB 2.0
Host
Ethernet
GMAC
PHY
Peripheral
STBus system interconnect
www.st.com


Similar Part No. - STI5211

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI5200 STMICROELECTRONICS-STI5200 Datasheet
181Kb / 7P
Low-cost SDTV set-top box decoder for H.264/AVC and MPEG-2
16-Feb-2007
STI5202 STMICROELECTRONICS-STI5202 Datasheet
167Kb / 9P
Low-cost set-top box decoder for H.264 and Microsoft VC1
19-Oct-2007
STI5205 STMICROELECTRONICS-STI5205 Datasheet
93Kb / 8P
High-performance advanced SD decoder for set-top box
10-Nov-2008
STI5206 STMICROELECTRONICS-STI5206 Datasheet
90Kb / 4P
Advanced SD decoder for set-top box applications
23-Jul-2010
STI5251 STMICROELECTRONICS-STI5251 Datasheet
79Kb / 4P
Advanced SD STB processor with integrated DVB-T/DVB-C demodulator
30-Aug-2011
More results

Similar Description - STI5211

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI7109 STMICROELECTRONICS-STI7109 Datasheet
207Kb / 9P
Low-cost HDTV set-top box decoder for H.264 and Microsoft WMA9
19-Dec-2006
STI7200 STMICROELECTRONICS-STI7200 Datasheet
206Kb / 8P
Triple display, HDTV set-top box, dual decoder for H.264 and VC-1
07-Dec-2006
STI5202 STMICROELECTRONICS-STI5202 Datasheet
167Kb / 9P
Low-cost set-top box decoder for H.264 and Microsoft VC1
19-Oct-2007
logo
Synaptics Incorporated.
CX24501 CONEXANT-CX24501 Datasheet
304Kb / 4P
HDTV MPEG-2/H.264/VC-1 Video Decoder
logo
STMicroelectronics
STI7111 STMICROELECTRONICS-STI7111 Datasheet
87Kb / 4P
Low-cost HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
19-Dec-2007
STI5200 STMICROELECTRONICS-STI5200 Datasheet
181Kb / 7P
Low-cost SDTV set-top box decoder for H.264/AVC and MPEG-2
16-Feb-2007
STI7101 STMICROELECTRONICS-STI7101 Datasheet
149Kb / 9P
Low-cost HDTV set-top box decoder for H.264
11-Sep-2008
STI7100 STMICROELECTRONICS-STI7100 Datasheet
205Kb / 9P
Low cost HDTV set-top box decoder for H.264/AVC and MPEG-2
19-Dec-2006
STI7110FTA STMICROELECTRONICS-STI7110FTA Datasheet
78Kb / 4P
HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
20-Oct-2010
STI7200 STMICROELECTRONICS-STI7200_11 Datasheet
68Kb / 4P
Triple display, HDTV set-top box, dual decoder for H.264 and VC-1
10-Feb-2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com