| Electronic Components Datasheet Search |
|
STI7108M Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STI7108M Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() Data brief For further information contact your local STMicroelectronics sales office. March 2011 Doc ID 018591 Rev 1 1/4 4 STi7108M Advanced HD AVC decoder with 3D graphics acceleration and MoCA Features ■ Open GL ES 2.0/Open VG 1.1 compatible 3D graphics GPU for enhanced EPGs/UIs ■ 1080p50, 1080p60 video decoding ■ High-performance ST40 applications CPU with Level 2 cache ■ High-performance ST40 real-time CPU ■ MoCA® 1.1 interface ■ Dual eSATA ports ■ Triple USB 2.0 host ports ■ Dual 16-bit/32-bit LMI supporting DDR2/DDR3 ■ Dual Ethernet GMAC ■ Low power process and design with dynamic power management architecture Description STi7108M is the next generation of HD, AVC set- top box decoder for satellite, cable, terrestrial and IP-STB markets that require MoCA® 1.1. The STi7108M provides a solution for operators to specify a range of high-performance, MPEG2 / H.264 / VC-1 STBs. The STi7108M can be used with zappers, IP clients, DVR standalone, and DVR server/home network STBs, especially where true 3D graphics is required. Content delivery is possible using broadcast or broadband networks, or both (hybrid STBs). The STi7108M is also targeted at next generation DLNA compatible Blu-ray (BD) and HD Media players. JTAG STB peripherals I/O Digital video HD/SD in/out Resets Analog out Clocks Modes PCM I/O S/PDIF out External interrupts Peripherals Smartcard Connectivity Transport Security DVO Denc Teletext DACs Analog video HD/SD out Audio I/O HDMI 1.3 Video I/O Transport streams Parallel/serial in/out Audio decoder CPU Video decoder EMI PCI SPI System interfaces CPU/FPU MMU Interrupts I cache D cache Timer Dual Debug STBus PCM Players PCM Reader DACs Flash, SFlash ST40 Dual LMI 3D graphics VTGs DVP HDCP Dual eSATA Dual Ethernet DAA SD-MMC/SDIO Triple USB Key scan Clock Gen System serv FDMA L2 cache Low power NOR, NAND Serial Flash PCI peripherals DDR2/DDR3 processing unit SSC UART MAFE PWM GPIOs IR/UHF Application Co-processor Display PCI express MoCA SerDes www.st.com |
Similar Part No. - STI7108M |
|
Similar Description - STI7108M |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |