Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STI7197 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STI7197
Description  Advanced STB decoder with integrated QAM demodulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7197 Datasheet(HTML) 2 Page - STMicroelectronics

  STI7197 Datasheet HTML 1Page - STMicroelectronics STI7197 Datasheet HTML 2Page - STMicroelectronics STI7197 Datasheet HTML 3Page - STMicroelectronics STI7197 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction
STi7197
2/4
Doc ID 17754 Rev 1
1
Introduction
The STi7197 is targeted at the latest operator and CE manufacturer requirements for STBs
that use advanced HD decoding (H264/VC-1/MPEG2). The STi7197 conforms to DVB,
ISMA, ATIS-IIF, SCTE, ATSC, ARIB, CEA, ITU and OpenCable specifications.
The STi7197 provides a solution for operators to specify a range of cost-effective, high
performance HD STBs including cost-effective zappers, IP clients, interactive STBs, DVR
standalone and DVR server/home network-capable STBs. Content delivery is possible using
broadcast or broadband networks, or both (hybrid STBs). The STi7197 incorporates the
latest generation of advanced security features.
The STi7197 offers current users of ST’s growing family of advanced decoding ICs
enhancements in performance and features, while reducing cost and time-to-market for the
next generation deployments.
Features
Benefits
Combines a QAM demodulator with STB
decoding and display functions
This highly integrated SoC helps to reduce board
area and manufacturing cost, allowing low-cost
and small size STBs to be designed.
ST40 applications CPU,
32K I cache, 32K D cache
Superscalar performance from a single CPU core,
using standard tools and operating systems (Linux,
OS21).
STMicroelectronics' video decoding system
Decoding of advanced high definition standards for
MPEG2, H264, VC-1 broadcast, with the
performance and flexibility for web-based content
decoding such as Flash, DivX, MJPEG and Real.
Dual USB 2.0 hosts, e-SATA,
Ethernet MAC with MII/RMII and TMII,
interfaces, PCI interface
Extensive high speed connectivity for the widest
range of STB peripherals, such as Flash drives,
external HDDs, home network controllers (for
example MoCA, Wi-Fi), DOCSIS modem and so
on.
Low-power process, design and architecture
Best-in-class, low-power standby mode, to meet
emerging energy standards for STBs. Dynamic
configuration of power to individual sub-systems
enables power-efficient active standby modes.
Advanced 2D graphics and display subsystem
which also supports 3D user interface effects
and 1080p60 display output
Allows visually appealing user interfaces and video
rich navigation to be offered to consumers, while
high quality progressive output can be watched on
the latest high-definition displays.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com