Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STIH205 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STIH205
Description  Advanced HD AVC processor with integrated low power standby controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIH205 Datasheet(HTML) 1 Page - STMicroelectronics

  STIH205 Datasheet HTML 1Page - STMicroelectronics STIH205 Datasheet HTML 2Page - STMicroelectronics STIH205 Datasheet HTML 3Page - STMicroelectronics STIH205 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
August 2012
Doc ID 019040 Rev 3
1/4
4
STiH205
Advanced HD AVC processor with integrated low power standby
controller
Data brief
Features
■ ST40 applications CPU with 256 KB L2 cache
■ 16-bit LMI supporting DDR2/DDR3
■ Decoding of H264, MPEG2, VC-1 and AVS HD
video streams
■ 3DTV decoding and display compatible with
HDMI 1.4b
■ Extensive connectivity (2 × USB 2.0 ports;
Ethernet MII/RMII/TMII port; SD/MMC card
port; eSATA port; PCIe)
■ Secure booting from SLC NAND Flash or
Serial NOR Flash; eMMC booting option
■ Low-power process and architecture
■ Integrated low power standby controller
■ High-quality video resizing and de-interlacing
■ Integrated Ethernet PHY
■ Targets two layer PCBs for cost-effective
zapper STB applications
■ 23 mm x 23 mm PBGA package
Description
The STiH205 uses the latest process technology
to provide a cost-effective, feature rich, highly
integrated SoC for set-top boxes (STBs). It is
targeted at the advanced decoding STB market
across all networks (cable/satellite/DTT/x-DSL/IP)
worldwide and is suitable for operator markets
(with advanced security) and retail markets.
The STiH205 provides a solution for operators
and manufacturers to specify a range of cost-
effective, high performance zapper STBs,
interactive STBs, IP clients, and DVR STBs with
content delivery possible using broadcast or
broadband networks, or both (Hybrid STBs).
JTAG
STB peripherals I/O
Resets
Analog out
Clocks
Modes
PCM I/O
S/PDIF out
External interrupts
Peripherals
Connectivity
Transport
Security
Analog video
Audio I/O
Display
HDMI 1.4b
Video I/O
Transport streams
Parallel/serial in/out
Audio decoder
Video decoder
System
interfaces
CPU/FPU
STBus
ST40
DDR3 LMI
HDCP
eSATA/PCI-E
Ethernet
SD-MMC/SDIO
Dual USB
Clock Gen
System serv
Dual FDMA
L2 cache
Serial Flash
CI-Plus cards
DDR2/DDR3
Low power
standby
controller
HDMI
SLC NAND Flash
www.st.com


Similar Part No. - STIH205

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIH207 STMICROELECTRONICS-STIH207 Datasheet
81Kb / 4P
Advanced dual HD AVC processor with integrated low power standby controller
24-Oct-2011
More results

Similar Description - STIH205

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI7108 STMICROELECTRONICS-STI7108 Datasheet
258Kb / 12P
Advanced HD AVC decoder with 3D graphics acceleration
16-Nov-2009
logo
NXP Semiconductors
TEA1721AT PHILIPS-TEA1721AT Datasheet
142Kb / 14P
Ultra-low standby SMPS controller with integrated power switch
Rev. 1-24 January 2012
logo
STMicroelectronics
STI7108M STMICROELECTRONICS-STI7108M Datasheet
91Kb / 4P
Advanced HD AVC decoder with 3D graphics acceleration and MoCA
16-Mar-2011
STIH207 STMICROELECTRONICS-STIH207 Datasheet
81Kb / 4P
Advanced dual HD AVC processor with integrated low power standby controller
24-Oct-2011
STIH223 STMICROELECTRONICS-STIH223 Datasheet
85Kb / 4P
HD cable STB processor with integrated demodulator and low power standby controller
14-Mar-2012
STIH237 STMICROELECTRONICS-STIH237 Datasheet
89Kb / 4P
HD satellite STB processor with integrated demodulator and low power standby controller
28-Feb-2012
STIH239 STMICROELECTRONICS-STIH239 Datasheet
89Kb / 4P
Dual HD satellite STB processor with integrated demodulators and low power standby controller
28-Feb-2012
STIH273 STMICROELECTRONICS-STIH273 Datasheet
80Kb / 4P
HD cable/terrestrial STB processor with integrated demodulators and low power standby controller
17-Jul-2012
STIH416 STMICROELECTRONICS-STIH416 Datasheet
304Kb / 4P
Advanced HD AVC processor with 3D graphics acceleration and ARM Cortex-A9 SMP CPU
03-Jan-2012
logo
AAEON Technology
AEC-6911 AAEON-AEC-6911 Datasheet
320Kb / 2P
Advanced Fanless Embedded Controller With Intel Atom Low Power Processor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com