Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV6111 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV6111
Description  8PSK/QPSK low-power 3.3-V satellite tuner IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6111 Datasheet(HTML) 1 Page - STMicroelectronics

  STV6111 Datasheet HTML 1Page - STMicroelectronics STV6111 Datasheet HTML 2Page - STMicroelectronics STV6111 Datasheet HTML 3Page - STMicroelectronics STV6111 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2011
Doc ID 022528 Rev 1
1/4
4
STV6111
8PSK/QPSK low-power 3.3-V satellite tuner IC
Features
■ RF-to-baseband direct conversion architecture
■ Single 3.3-V DC supply, low consumption
■ Outstanding performance in heavily loaded
spectrum conditions
■ Input frequency range: 950 to 2150 MHz
■ Supports 1 to 60 Msymb/s using internal filter
■ RF-AGC or channel-AGC support
■ Extremely low-phase noise, compliant with
DVB-S2 requirements using fractional-N
synthesizer
■ Low external component count
■ Flexible crystal frequency output to drive the
demodulator and/or other tuner ICs
■ Continuously variable gain
■ Programmable 6 to 50 MHz cut-off frequency
(Butterworth 5th-order baseband filters)
■ Specific operating mode for symbol rates up to
220 Msymb/s
■ Compatible with 5-V and 3.3-V I2C bus
Applications
■ Direct broadcasting satellite (DBS), satellite
modems: BPSK, QPSK, 8PSK, 16/32 APSK
modulations
■ Set-top boxes, PCTV and iDTV
■ Outdoor units
Package
■ VFQFPN-32 5 x 5 x 1 mm3 with exposed pad
■ ECOPACK®, RoHS (2002/95/EC) compliant
Description
The STV6111 satellite tuner is a direct-conversion
(zero IF) receiver for digital TV broadcasting.
AGC control
RF receiver
Mixers
LO dividers
VCO
PLL
External
filter
I²C
Clock management
XTAL_OUT
SCL
SDA
RF_INP
AGC
QP
RF_INN
LNA
QN
IN
IP
DC offset correction
VGA1
VGA1
VGA1
VGA2
VGA2
www.st.com


Similar Part No. - STV6111

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6110A STMICROELECTRONICS-STV6110A Datasheet
51Kb / 5P
8PSK/QPSK low-power 3.3 V satellite tuner IC
21-Aug-2008
More results

Similar Description - STV6111

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
Satellite Zero IF QPSK Tuner IC
logo
NXP Semiconductors
TDA8260TW PHILIPS-TDA8260TW Datasheet
143Kb / 23P
Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Sep 03
logo
STMicroelectronics
STB6000 STMICROELECTRONICS-STB6000 Datasheet
48Kb / 2P
QPSK DVB/DIRECTVTM direct conversion tuner IC
Mar-2004
logo
NXP Semiconductors
TDA8261TW PHILIPS-TDA8261TW Datasheet
136Kb / 22P
Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Dec 02
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
8PSK/QPSK direct conversion tuner IC
Sep-2004
logo
Synaptics Incorporated.
CX24113A CONEXANT-CX24113A Datasheet
164Kb / 2P
Digital Satellite Tuner RF IC
logo
STMicroelectronics
STV6110A STMICROELECTRONICS-STV6110A Datasheet
51Kb / 5P
8PSK/QPSK low-power 3.3 V satellite tuner IC
21-Aug-2008
STV4100 STMICROELECTRONICS-STV4100 Datasheet
172Kb / 7P
Ultra-compact low-power 3.3-V terrestrial tuner IC
18-Mar-2009
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
8PSK/QPSK direct conversion tuner IC
21-Apr-2009
STV6120 STMICROELECTRONICS-STV6120 Datasheet
59Kb / 4P
8PSK/QPSK low-power 3.3-V dual wide-band satellite tuner IC
29-Nov-2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com