Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GWKALRB3.EM Datasheet(PDF) 10 Page - OSRAM GmbH

Part # GWKALRB3.EM
Description  SOLERIQ E 45
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKALRB3.EM Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button GWKALRB3.EM Datasheet HTML 6Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 7Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 8Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 9Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 10Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 11Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 12Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 13Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
2012-04-10 Preliminary Data
10
Draft Version 0.0
GW KALRB3.EM
Relative Forward Voltage 5) page 17
Relative Vorwärtsspannung 5) Seite 17
ΔV
F = VF - VF(25°C) = f(Tj); IF = 880 mA
Relative Luminous Flux 5) page 17
Relative Lichtstrom 5) Seite 17
Φ
VV(25 °C) = f(Tj); IF = 880 mA
Chromaticity Coordinate Shift 5) page 17
Farbortverschiebung 5) Seite 17
ΔCx, ΔCy = f(T
j); IF = 880 mA
GWKAJRB2.EC
-20 0
20 40 60 80 100
Tj [°C]
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
ΔUF[V]
GWKAJRB2.EC
-20 0
20 40 60 80 100
Tj [°C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Φv
Φv(25 °C)
GWKAJRB2.EC
-20 0
20 40 60 80 100
Tj [°C]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
ΔCx
ΔCy
: Δ Cx 2700K
: Δ Cy 2700K
: Δ Cx 6500K
: Δ Cy 6500K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com