Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT47C06L Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT47C06L
Description  R-F Type Low Voltage 8-Bit Mask MCU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C06L Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT47C06L Datasheet HTML 1Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 2Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 3Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 4Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 5Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 6Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 7Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 8Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
HT47C06L
R-F Type Low Voltage 8-Bit Mask MCU
Rev. 1.00
1
June 15, 2007
Features
· Operating voltage: 1.2V~2.2V
· Eight bidirectional I/O lines
· On-chip 32kHz~128kHz RC oscillator (External R)
· RC type A/D converter
· Watchdog timer
· 1K´16 program memory ROM
· 32´8 data memory RAM
· One time base (TB)
· One buzzer output (BZ, BZ)
· One EL carrier output
· One externally adjustable low voltage detector
· One LCD driver with 13´3or14´2 segments
· HALT function and wake-up feature reduce power
consumption
· Two-level subroutine nesting
· Bit manipulation instruction
· 16-bit table read instruction
· Up to 31ms instruction cycle with128kHz system clock
· 63 powerful instructions
· All instructions in one or two machine cycles
· 44-pin QFP package
General Description
The HT47C06L is an 8-bit, high performance RISC ar-
chitecture microcontroller device specifically designed
for applications that interface directly to analog signals,
such as those from sensors. Its single cycle instruction
and two-stage pipeline architecture make it suitable for
high speed applications.
The advantages of low power consumption, I/O flexibility,
timer functions, oscillator options, RC type A/D converter,
LCD driver, HALT and wake-up functions, enhance the
versatility of these device to suit a wide range of Resistor
to Frequency application possibilities such as sensor sig-
nal processing, remote metering, and particularly suit-
able for use as clinical thermometer MCU device.
Technical Document
· Tools Information
· FAQs
· Application Note


Similar Part No. - HT47C06L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT47C07L HOLTEK-HT47C07L Datasheet
3Mb / 57P
R-F Type Low Voltage 8-bit Mask MCU
December 23, 2014
More results

Similar Description - HT47C06L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48CA6 HOLTEK-HT48CA6 Datasheet
279Kb / 31P
8-Bit Remote Type Low Voltage Mask MCU
July 26, 2002
HT47C10L HOLTEK-HT47C10L Datasheet
271Kb / 38P
R-F Type Low Voltage 8-Bit Mask MCU
November 30, 2005
HT47R20A-1 HOLTEK-HT47R20A-1 Datasheet
314Kb / 43P
R-F Type 8-Bit MCU
June 14, 2005
HT45R36 HOLTEK-HT45R36 Datasheet
301Kb / 40P
C/R to F Type 8-Bit OTP MCU
September 28, 2006
HT47C20L HOLTEK-HT47C20L_05 Datasheet
357Kb / 45P
R-F Type Low Voltage 8-Bit Mask MCU
December 2, 2005
HT47R10A-1 HOLTEK-HT47R10A-1 Datasheet
318Kb / 43P
R-F Type 8-Bit MCU
September 27, 2007
HT47C20 HOLTEK-HT47C20_02 Datasheet
348Kb / 46P
8-Bit R-F Type Mask MCU
July 26, 2002
HT45R37 HOLTEK-HT45R37_11 Datasheet
672Kb / 100P
TinyPowerTM C/R-F Type 8-Bit OTP MCU
HT47R20A-1 HOLTEK-HT47R20A-1_08 Datasheet
294Kb / 41P
R-F Type 8-Bit MCU
HT47C07L HOLTEK-HT47C07L Datasheet
3Mb / 57P
R-F Type Low Voltage 8-bit Mask MCU
December 23, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com